データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

01R5X1R0J6R3CT データシート(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 01R5X1R0J6R3CT
部品情報  High precision dimensional tolerances
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

01R5X1R0J6R3CT データシート(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  01R5X1R0J6R3CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 01R5X1R0J6R3CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 01R5X1R0J6R3CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 01R5X1R0J6R3CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 01R5X1R0J6R3CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 01R5X1R0J6R3CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 01R5X1R0J6R3CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 01R5X1R0J6R3CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 8
ASC_Ultra Small_(01R5)_026F_AS
Dec. 2018
5. EXTERNAL DIMENSIONS
6. GENERAL ELECTRICAL DATA
Size
01R5
Dielectric
NP0
X7R
X5R
Capacitance*
0.2pF to 100pF
100pF to 1000pF
1000pF to 0.1µF
Capacitance tolerance**
Cap
≤5pF:
A (±0.05pF), B (±0.1pF),
C (±0.25pF)
5pF<Cap<10pF:
C (±0.25pF), D (±0.5pF)
Cap
≥10pF:
F (±1%), G (±2%), J (±5%)
K (±10%), M (±20%)
Rated voltage (WVDC)
16V, 25V, 50V
10V
6.3V, 10V
DF / Q
#1
Cap<30pF, Q
≥400+20C
Cap
≥30pF, Q≥1000
≤5 %
≤10 %
Insulation resistance at Ur
≥10G or RxC≥500 *F whichever is less
RxC
≥50 *F
Operating temperature
-55 to +125°C
-55 to +125°C
-55 to +85°C
Capacitance change
±30ppm
±15%
Termination
Ni/Sn (lead-free termination)
* Measured at 30~70% related humidity.
NP0: Apply 0.5~5Vrms, 1.0MHz±10% at the condition of 25°C ambient temperature.
X7R: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 25°C ambient temperature.
X5R: Apply 0.5±0.2Vrms or 1.0±0.2Vrms
#1
, 1.0kHz±10%, at the condition of 25°C ambient temp erature.
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour, then leave in a mbient condition for 24±2 hours
before measurement.
#1: Please refer to “RELIABILITY TEST CONDITIONS AND REQUIREMENTS” for detail
T
W
L
MB
MB
Fig. 1 The outline of MLCC
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
MB (mm)
01R5 (0402)
0.40±0.02
0.20±0.02
0.20±0.02
V
0.10±0.03
* Reflow soldering only.


同様の部品番号 - 01R5X1R0J6R3CT

メーカー部品番号データシート部品情報
logo
BELIMO AIRCONTROLS (USA...
01RT-5B-0 BELIMO-01RT-5B-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5L-0 BELIMO-01RT-5L-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5M-0 BELIMO-01RT-5M-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5Q-0 BELIMO-01RT-5Q-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
More results

同様の説明 - 01R5X1R0J6R3CT

メーカー部品番号データシート部品情報
logo
TT Electronics.
8900 TTELEC-8900 Datasheet
344Kb / 4P
   Precision absolute and ratio tolerances available
logo
List of Unclassifed Man...
12490 ETC-12490 Datasheet
203Kb / 1P
   Hardened tool steel punches, precision machined to exact tolerances.
logo
CITIZEN ELECTRONICS CO....
516-A00070 CITIZEN-516-A00070 Datasheet
484Kb / 4P
   General tolerances
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com