データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S342N100J252CT データシート(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 S342N100J252CT
部品情報  High reliability and stability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

S342N100J252CT データシート(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  S342N100J252CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 2 of 11
ASC Safety Certified X2_(S3)_011Y_AS
May. 2019
1. DESCRIPTION
WTC’s SAFETY CERTIFIED CAPACITORS are designed for surge or lightning immunity in modem facsimile and
other equipment. The capacitors of series S3 are class X2 compliant respectively.
The green type capacitors in S2 and S3 series are manufactured by using environmentally friendly materials without
lead or cadmium.
The terminations are composed of plated nickel and pure tin to feature the superior leaching resistance during
soldering.
4. HOW TO ORDER
S3
42
N
100
J
252
C
T
Series
S3=X2
Safety
Certified
Size
42=1808 (4520)
43=1812 (4532)
55=2220 (5750)
Dielectric
N=NP0
B=X7R
Capacitance
Two significant
digits followed by
no. of zeros. And R
is in place of
decimal point.
eg.:
0R5=0.5pF
1R0=1.0pF
100=10x10
0
=10pF
Tolerance
D= ±0.5pF
F=
±1.0%
G= ±2.0%
J= ±5.0%
K= ±10%
M= ±20%
Rated voltage
Two significant digits
followed by no. of
zeros. And R is in
place of decimal
point.
252: 2500V
Impulse Voltage
Termination
C=Cu/Ni/Sn
Packaging
T=7” reeled
G=13” reeled
2. FEATURES
a.
High reliability and stability.
b.
Small size and high capacitance
c.
RoHS compliant
d.
Safety standard approval by
EN 60384-14 : 2013
IEC 60384-14 : 2013
UL 60384-14 (Ed 2.0)
e.
Certificate number:
TUV: R50195920, TUV: R50381780
UL: E182369
f.
HALOGEN compliant.
3. APPLICATIONS
a.
Modem.
b.
Facsimile.
c.
Telephone.
d.
Other electronic equipment for lighting or surge
protection and isolation


同様の部品番号 - S342N100J252CT

メーカー部品番号データシート部品情報
logo
UMPCO, Inc.
S342 UMPCO-S342 Datasheet
143Kb / 1P
   CLAMP, LOOPCUSHIONED
logo
Microsemi Corporation
S3420 MICROSEMI-S3420 Datasheet
119Kb / 2P
   Silicon Power Rectifier
More results

同様の説明 - S342N100J252CT

メーカー部品番号データシート部品情報
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
DIYI Electronic Technol...
MMSZ5221B DYELEC-MMSZ5221B Datasheet
954Kb / 2P
   H igh Stability and High Reliability
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
   High Stability, Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com