データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

01R5N100G100CT データシート(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 01R5N100G100CT
部品情報  High precision dimensional tolerances
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

01R5N100G100CT データシート(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  01R5N100G100CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 01R5N100G100CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 01R5N100G100CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 01R5N100G100CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 01R5N100G100CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 01R5N100G100CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 01R5N100G100CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 01R5N100G100CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 2 of 8
ASC_Ultra Small_(01R5)_026F_AS
Dec. 2018
1. INTRODUCTION
MLCC consists of a conducting material and electrodes. To manufacture a chip-type SMT and achieve
miniaturization, high density and high efficiency, ceramic condensers are used.
01R5 MLCC is performed by high precision technology achieve high capacitance in unit size and ensure the
stability and reliability of products.
4. HOW TO ORDER
01R5
N
100
C
160
C
T
Size
Inch (mm)
01R5 =
01005 (0402)
Dielectric
N=NP0
(C0G)
B=X7R
X=X5R
Capacitance
Two significant digits
followed by no. of zeros.
And R is in place of
decimal point.
eg.:
0R5=0.5pF
1R0=1.0pF
100=10x10
0
=10pF
Tolerance
A=±0.05pF
B=±0.1pF
C=±0.25pF
D=±0.5pF
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
Rated voltage
Two significant digits
followed by no. of
zeros. And R is in
place of decimal point.
6R3=6.3 VDC
100=10 VDC
160=16 VDC
250=25 VDC
500=50 VDC
Termination
C=Cu/Ni/Sn
Packaging
T=7” reeled
2. FEATURES
a.
High capacitance in unit size.
b.
High precision dimensional tolerances.
c.
Suitable used in high-accuracy automatic mounting
machine.
3. APPLICATIONS
a.
Miniature microwave module.
b.
Portable equipments (ex. Mobile phone, PDA).
c.
High frequency circuits.


同様の部品番号 - 01R5N100G100CT

メーカー部品番号データシート部品情報
logo
BELIMO AIRCONTROLS (USA...
01RT-5B-0 BELIMO-01RT-5B-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5L-0 BELIMO-01RT-5L-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5M-0 BELIMO-01RT-5M-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5Q-0 BELIMO-01RT-5Q-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
More results

同様の説明 - 01R5N100G100CT

メーカー部品番号データシート部品情報
logo
TT Electronics.
8900 TTELEC-8900 Datasheet
344Kb / 4P
   Precision absolute and ratio tolerances available
logo
List of Unclassifed Man...
12490 ETC-12490 Datasheet
203Kb / 1P
   Hardened tool steel punches, precision machined to exact tolerances.
logo
CITIZEN ELECTRONICS CO....
516-A00070 CITIZEN-516-A00070 Datasheet
484Kb / 4P
   General tolerances
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com