データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM-1435 データシート(PDF) 4 Page - DATEL, Inc.

部品番号 AM-1435
部品情報  Ultra-Fast, Wideband Operational Amplifi ers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DATEL [DATEL, Inc.]
ホームページ  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AM-1435 データシート(HTML) 4 Page - DATEL, Inc.

  AM-1435 Datasheet HTML 1Page - DATEL, Inc. AM-1435 Datasheet HTML 2Page - DATEL, Inc. AM-1435 Datasheet HTML 3Page - DATEL, Inc. AM-1435 Datasheet HTML 4Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 5. CMRR vs. Frequency
120
110
100
90
80
70
60
50
40
30
20
2k
5k
10k
100k
1M
10M
100M
1k
FREQUENCY (Hz)
Figure 6. PSRR vs. Frequency
20
50
100
1k
10k
100k
1M
10
FREQUENCY (Hz)
100
90
80
70
60
50
40
14-PIN DIP
SEATING
PLANE
0.025 ±0.010
(0.635)
0.200 MAX.
(5.080)
0.160 MAX.
(4.064)
0.195 MAX.
(4.953)
0.500 MAX.
(12.70)
0.100 TYP.
(2.540)
0.100
(2.540)
0.300 ±0.010
(7.620)
0.100
(2.540)
0.600 ±0.005
(15.240)
0.805 MAX.
(20.45)
17
8
14
0.018 ±0.002
(0.457)
0.010 ±0.002
(0.254)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
MECHANICAL DIMENSIONS - INCHES (mm)
PERFORMANCE CHARTS
ORDERING INFORMATION: NON-ROHS MODELS
ORDERING INFORMATION: ROHS MODELS
MODEL NUMBER
OPERATING
TEMP. RANGE
MODEL NUMBER
OPERATING
TEMP. RANGE
AM-1435MC
0 to +70°C
AM-1435MC-C
0 to +70°C
AM-1435ME
–40 to +100°C
AM-1435ME-C
–40 to +100°C
AM-1435MM
–55 to +125°C
AM-1435MM-C
–55 to +125°C
AM-1435MM-QL
–55 to +125°C
AM-1435MM-QL-C
–55 to +125°C
© 2015 DATEL, Inc.
DATEL, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information
contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of
licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
www.datel.com • e-mail: help@datel.com
DATEL is a registered trademark of DATEL, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 USA
ITAR and ISO 9001/14001 REGISTERED
AM-1435
Ultra-Fast, Wideband Operational Amplifiers
MDA_AM-1435.C02 Page 4 of 4


同様の部品番号 - AM-1435

メーカー部品番号データシート部品情報
logo
DATEL, Inc.
AM-1435MC DATEL-AM-1435MC Datasheet
94Kb / 1P
   Legacy Amplifiers
AM-1435MM DATEL-AM-1435MM Datasheet
96Kb / 1P
   Legacy Amplifiers
AM-1435MM-QL DATEL-AM-1435MM-QL Datasheet
96Kb / 1P
   Legacy Amplifiers
More results

同様の説明 - AM-1435

メーカー部品番号データシート部品情報
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
   Ultra-Fast Operational Amplifi ers
logo
MRV Communications, Inc...
EM316EDFA-BR MRV-EM316EDFA-BR Datasheet
618Kb / 3P
   Optical Amplifi ers
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2050 LINER-LTC2050_1 Datasheet
175Kb / 16P
   Zero-Drift Operational Amplifi ers in SOT-23
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
logo
Hamamatsu Corporation
C5185 HAMAMATSU-C5185_15 Datasheet
174Kb / 5P
   Amplifi ers for infrared detector
C4159-01 HAMAMATSU-C4159-01_15 Datasheet
174Kb / 5P
   Amplifi ers for infrared detector
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com