データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

01R5X0R5C250CT データシート(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 01R5X0R5C250CT
部品情報  High precision dimensional tolerances
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

01R5X0R5C250CT データシート(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  01R5X0R5C250CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 01R5X0R5C250CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 01R5X0R5C250CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 01R5X0R5C250CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 01R5X0R5C250CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 01R5X0R5C250CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 01R5X0R5C250CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 01R5X0R5C250CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 4 of 8
ASC_Ultra Small_(01R5)_026F_AS
Dec. 2018
7. CAPACITANCE RANGE
8. PACKAGING DIMENSION AND QUANTITY
Size
Thickness (mm)/Symbol
Paper tape
7” reel
13” reel
01R5 (0402)
0.20±0.02
V
20,000
-
Unit: pieces
SIZE
01R5
DIELECTRIC
X7R
RATED VOLTAGE (VDC)
10
100pF (101)
V
150pF (151)
V
220pF (221)
V
330pF (331)
V
470pF (471)
V
1,000pF (102)
V
SIZE
01R5
DIELECTRIC
X5R
RATED VOLTAGE (VDC)
6.3
10
1,000pF (102)
V
V
1,500pF (152)
V
2,200pF (222)
V
3,300pF (332)
V
4,700pF (472)
V
6,800pF (682)
V
0.010
µF (103)
V
V
0.015
µF (153)
0.022
µF (223)
V
0.033
µF (333)
V
0.047
µF (473)
V
0.068
µF (683)
0.10
µF (104)
V
SIZE
01R5
DIELECTRIC
NP0
RATED VOLTAGE (VDC)
16
25
50
0.2pF (0R2)
V
V
V
0.3pF (0R3)
V
V
V
0.4pF (0R4)
V
V
V
0.5pF (0R5)
V
V
V
1.0pF (1R0)
V
V
V
1.5pF (1R5)
V
V
V
2.0pF (2R0)
V
V
V
3.0pF (3R0)
V
V
V
4.0pF (4R0)
V
V
V
5.0pF (5R0)
V
V
V
6.0pF (6R0)
V
V
V
7.0pF (7R0)
V
V
V
8.0pF (8R0)
V
V
V
9.0pF (9R0)
V
V
V
10pF (100)
V
V
V
12pF (120)
V
V
V
15pF (150)
V
V
V
18pF (180)
V
V
V
22pF (220)
V
V
V
27pF (270)
V
V
V
33pF (330)
V
V
V
39pF (390)
V
V
V
47pF (470)
V
V
V
56pF (560)
V
V
V
68pF (680)
V
V
V
82pF (820)
V
V
V
100pF (101)
V
V
V
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance
or other data, please contact WTC local representative.


同様の部品番号 - 01R5X0R5C250CT

メーカー部品番号データシート部品情報
logo
BELIMO AIRCONTROLS (USA...
01RT-5B-0 BELIMO-01RT-5B-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5L-0 BELIMO-01RT-5L-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5M-0 BELIMO-01RT-5M-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5Q-0 BELIMO-01RT-5Q-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
More results

同様の説明 - 01R5X0R5C250CT

メーカー部品番号データシート部品情報
logo
TT Electronics.
8900 TTELEC-8900 Datasheet
344Kb / 4P
   Precision absolute and ratio tolerances available
logo
List of Unclassifed Man...
12490 ETC-12490 Datasheet
203Kb / 1P
   Hardened tool steel punches, precision machined to exact tolerances.
logo
CITIZEN ELECTRONICS CO....
516-A00070 CITIZEN-516-A00070 Datasheet
484Kb / 4P
   General tolerances
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com