データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

01R5X100C500CT データシート(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 01R5X100C500CT
部品情報  High precision dimensional tolerances
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

01R5X100C500CT データシート(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  01R5X100C500CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 01R5X100C500CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 01R5X100C500CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 01R5X100C500CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 01R5X100C500CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 01R5X100C500CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 01R5X100C500CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 01R5X100C500CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 6 of 8
ASC_Ultra Small_(01R5)_026F_AS
Dec. 2018
No.
Item
Test Condition
Requirements
11. Resistance to
Soldering Heat
* Solder temperature: 260±5°C
* Dipping time: 10±1 sec
* Preheating: 120 to 150°C for 1 minute before imme rse the
capacitor in a eutectic solder.
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or ±0.25pF whichever is larger.
X7R: within ±7.5%
X5R: within ±15.0%
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.
* 25% max. leaching on each edge.
12. Temperature
Cycle
* Conduct the five cycles according to the temperatures and
time.
Step
Temp. (°C)
Time (min.)
1
Min. operating temp. +0/-3
30±3
2
Room temp.
2~3
3
Max. operating temp. +3/-0
30±3
4
Room temp.
2~3
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or ±0.25pF whichever is larger.
X7R: within ±7.5%
X5R: within ±15.0%
* Q/D.F., I.R. and dielectric strength: To meet initial requirements.
13. Humidity
(Steady State)
* Test temp.: 40±2°C
* Humidity: 90~95% RH
* Test time: 500+24/-0hrs.
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change:
NP0: within ±5.0% or ±0.5pF whichever is larger.
X7R: within ±12.5%
X5R: within ±25.0%
* Q/D.F. value:
NP0: Cap
≥30pF, Q≥350; 10pF≤Cap<30pF, Q≥275+2.5C
Cap<10pF; Q
≥200+10C
X7R:
≤7.5%
X5R:
20%
* I.R.:
NP0, X7R:
≥1G or RxC≥50 -F whichever is smaller.
X5R: RxC
≥10 -F.
14. Humidity Load
(Damp Heat)
* Test temp.: 40±2°C
* Humidity: 90~95%RH
* Test time: 500+24/-0 hrs.
* To apply voltage:rated voltage.
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* No remarkable damage.
* Cap change:
NP0: within ±7.5% or ±0.75pF whichever is larger.
X7R: within ±15.0%
X5R: within ±25.0%
* Q/D.F. value:
NP0: Cap
≥30pF, Q≥200; Cap<30pF; Q≥100+10/3C
X7R:
7.5%
X5R:
20%
* I.R.:
NP0, X7R:
≥500M or RxC≥25 -F whichever is smaller.
X5R: RxC
≥5 -F.
15. High
Temperature
Load
(Endurance)
* Test temp.:
NP0, X7R: 125±3°C
X5R: 85±3°C
* To apply voltage:
(1) NP0, X7R : 200% of rated voltage
(2) X5R: 10V : 150 % of rated voltage
6.3V : 100 % of rated voltage
* Test time: 1000+24/-0 hrs.
* Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
** De-rating conditions:
* No remarkable damage.
* Cap change:
NP0: within ±3.0% or ±0.3pF whichever is larger.
X7R: within ±12.5%
X5R: within ±25.0%
* Q/D.F. value:
NP0: Cap
≥30pF, Q≥350; 10pF≤Cap<30pF, Q≥275+2.5C
Cap<10pF; Q
≥200+10C
X7R:
7.5%
X5R:
20%
* I.R.:
NP0, X7R:
≥1G or RxC≥50 -F whichever is smaller.
X5R: RxC
≥10 -F.


同様の部品番号 - 01R5X100C500CT

メーカー部品番号データシート部品情報
logo
BELIMO AIRCONTROLS (USA...
01RT-5B-0 BELIMO-01RT-5B-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5L-0 BELIMO-01RT-5L-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5M-0 BELIMO-01RT-5M-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
01RT-5Q-0 BELIMO-01RT-5Q-0 Datasheet
469Kb / 3P
   Room Sensor Temperature
More results

同様の説明 - 01R5X100C500CT

メーカー部品番号データシート部品情報
logo
TT Electronics.
8900 TTELEC-8900 Datasheet
344Kb / 4P
   Precision absolute and ratio tolerances available
logo
List of Unclassifed Man...
12490 ETC-12490 Datasheet
203Kb / 1P
   Hardened tool steel punches, precision machined to exact tolerances.
logo
CITIZEN ELECTRONICS CO....
516-A00070 CITIZEN-516-A00070 Datasheet
484Kb / 4P
   General tolerances
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com