データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

01005X0R5C500CT データシート(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

部品番号 01005X0R5C500CT
部品情報  High precision dimensional tolerances
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALSIN [WALSIN TECHNOLOGY CORPORATION]
ホームページ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

01005X0R5C500CT データシート(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  01005X0R5C500CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 01005X0R5C500CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 01005X0R5C500CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 01005X0R5C500CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 01005X0R5C500CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 01005X0R5C500CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 01005X0R5C500CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 01005X0R5C500CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 5 of 8
ASC_Ultra Small_(01R5)_026F_AS
Dec. 2018
9. RELIABILITY TEST CONDITIONS AND REQUIREMENTS
No.
Item
Test Condition
Requirements
1. Visual and
Mechanical
---
* No remarkable defect.
* Dimensions to conform to individual specification sheet.
2. Capacitance
Class I: NP0
Cap
≤1000pF, 0.5~5Vrms, 1MHz±10%
Cap>1000pF, 1.0±0.2Vrms, 1KHz±10%
Class II: , X7R & X5R(
≥10V)
1.0±0.2Vrms, 1KHz±10%
Class II: , X5R(
≤6.3V)
0.5±0.2Vrms, 1kHz±10%
*Before initial measurement (Class II only): To apply de-aging
at 150°C for 1hr then set for 24±2 hrs at room temp .
* Shall not exceed the limits given in the detailed spec.
3. Q/ D.F.
(Dissipation
Factor)
* NP0: Cap
≥30pF, Q≥1000; Cap<30pF, Q≥400+20C
X7R:
≤5.0 %
X5R:
≤10 %
4. Dielectric
Strength
* To apply voltage (
≤100V) 250%.
* Duration: 1 to 5 sec.
* Charge and discharge current less than 50mA.
* No evidence of damage or flash over during test.
5. Insulation
Resistance
To apply rated voltage for max. 120 sec.
* NP0, X7R:
≥10G or RxC≥500 -F whichever is smaller.
X5R: RxC
≥50 -F
6. Temperature
Coefficient
With no electrical load.
T.C.
Operating Temp
NPO
-55~125°C at 25°C
X7R
-55~125°C at 25°C
X5R
-55~ 85°C at 25°C
*Before initial measurement (Class II only):
To apply de-aging at 150°C for 1hr then set for 24± 2 hrs at
room temp.
*Measurement voltage for Class II
Cap
≤0.01µF: 0.5V
Cap>0.01µF: 0.2V
T.C.
Capacitance Change
NPO
Within ±30ppm/°C
X7R
Within ±15%
X5R
Within ±15%
7. Adhesive
Strength of
Termination
* Pressurizing force:1N
* Test time: 10±1 sec.
* No remarkable damage or removal of the terminations.
8. Vibration
Resistance
* Vibration frequency: 10~55 Hz/min.
* Total amplitude: 1.5mm
* Test time: 6 hrs. (Two hrs each in three mutually
perpendicular directions.)
* Before initial measurement (Class II only):
To apply de-aging at 150°C for 1hr then set for 24± 2 hrs at
room temp.
* Cap./DF(Q) Measurement to be made after de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change and Q/D.F.: To meet initial spec.
9. Solderability
* Solder temperature: 235±5°C
* Dipping time: 2±0.5 sec.
95% min. coverage of all metalized area.
10. Bending Test
* The middle part of substrate shall be pressurized by means
of the pressurizing rod at a rate of about 1 mm per second until
the deflection becomes 1 mm and then the pressure shall be
maintained for 5±1 sec.
* Before initial measurement (Class II only):
To apply de-aging at 150°C for 1hr then set for 24± 2 hrs at
room temp.
* Measurement to be made after keeping at room temp. for
24±2 hrs.
* No remarkable damage.
* Cap change:
NP0: within ±5.0% or ±0.5pF whichever is larger.
X7R: within ±12.5%
X5R: within ±25.0%
(This capacitance change means the change of capacitance under
specified flexure of substrate from the capacitance measured before
the test.)


同様の部品番号 - 01005X0R5C500CT

メーカー部品番号データシート部品情報
logo
Vicor Corporation
01000 VICOR-01000 Datasheet
50Kb / 1P
   CAPACITOR - (Y) 4700 pF -20%, 250 VAC
01000-03 VICOR-01000-03 Datasheet
50Kb / 1P
   CAPACITOR - (Y) 4700 pF -20%, 250 VAC
logo
List of Unclassifed Man...
010000 ETC2-010000 Datasheet
53Kb / 1P
   Packaged part Bulk part
logo
Littelfuse
01000020 LITTELFUSE-01000020 Datasheet
549Kb / 1P
   Pb 100/445/030/520 Series, P.C. Board Type for 5mm Diameter Fuses
01000020Z LITTELFUSE-01000020Z Datasheet
334Kb / 2P
   100/445/030/520 Series Circuit Board Mount Fuse Clips for 5mm Diameter Fuses
Revised: GD. 04/13/22
More results

同様の説明 - 01005X0R5C500CT

メーカー部品番号データシート部品情報
logo
TT Electronics.
8900 TTELEC-8900 Datasheet
344Kb / 4P
   Precision absolute and ratio tolerances available
logo
List of Unclassifed Man...
12490 ETC-12490 Datasheet
203Kb / 1P
   Hardened tool steel punches, precision machined to exact tolerances.
logo
CITIZEN ELECTRONICS CO....
516-A00070 CITIZEN-516-A00070 Datasheet
484Kb / 4P
   General tolerances
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com