データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEL58DR2 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100LVEL58DR2
部品情報  2:1 Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL58DR2 データシート(HTML) 2 Page - ON Semiconductor

  MC100LVEL58DR2 Datasheet HTML 1Page - ON Semiconductor MC100LVEL58DR2 Datasheet HTML 2Page - ON Semiconductor MC100LVEL58DR2 Datasheet HTML 3Page - ON Semiconductor MC100LVEL58DR2 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC100LVEL58
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS1
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0V)
–8.0 to 0
VDC
VI
Input Voltage (VCC = 0V)
0 to –6.0
VDC
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
–40 to +85
°C
VEE
Operating Range1,2
–5.7 to –3.0
V
θJA
Thermal Resistance (Junction–to–Ambient)
Still Air
500lfpm
190
130
°C/W
θJC
Thermal Resistance (Junction–to–Case)
41 to 44
± 5%
°C/W
Tsol
Solder Temperature (<2 to 3 Seconds: 245
°C desired)
265
°C
1. Absolute maximum rating, beyond which, device life may be impaired, unless otherwise specified on an individual data sheet.
2. Parametric values specified at:
100EL Series:
–4.20V to –5.50V
10EL Series:
–4.94V to –5.50V
MC100LVEL58
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
21
28
21
28
21
28
23
30
mA
VEE
Power Supply Voltage
3.0
3.8
3.0
3.8
3.0
3.8
3.0
3.8
V
IIH
Input HIGH Current
150
150
150
150
µA
MC100LVEL58
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH
tPHL
Propagation
D
Q
Delay
SEL
Q
340
350
435
455
560
570
340
350
435
455
560
570
350
360
440
460
570
580
370
380
450
470
590
600
ps
tr
tf
Output Rise/Fall Times
Q
(20% – 80%)
100
320
100
320
100
320
100
320
ps
DC CHARACTERISTICS
(VEE = VEE(min) – VEE(max); VCC = GND1), All input and output voltage parameters vary 1:1 with VCC
–40
°C
0
°C to 85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Unit
Condition
VOH
Output HIGH Voltage(2)
–1085
–1005
–880
–1025
–955
–880
mV
VIN = VIH(max)
VOL
Output LOW Voltage(2)
–1830
–1695
–1555
–1810
–1705
–1620
mV
or VIL(min)
VOHA
Output HIGH Voltage(2)
–1095
–1035
mV
VIN = VIH(max)
VOLA
Output LOW Voltage(2)
–1555
–1610
mV
or VIL(min)
VIH
Input HIGH Voltage
–1165
–880
–1165
–880
mV
VIL
Input LOW Voltage
–1810
–1475
–1810
–1475
mV
IIL
Input LOW Current
0.5
0.5
µA
VIN = VIL(max)
1. VCC = 0V, VEE = VEEmin to VEEmax, all other pins floating.
2. All loading with 50 ohms to VCC–2.0 volts.


同様の部品番号 - MC100LVEL58DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL58DR2 ONSEMI-MC100LVEL58DR2 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
MC100LVEL58DR2G ONSEMI-MC100LVEL58DR2G Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
More results

同様の説明 - MC100LVEL58DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
   2:1 Multiplexer
1996 REV 2
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58 Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
NLASB3157 ONSEMI-NLASB3157 Datasheet
70Kb / 10P
   2:1 Multiplexer
April, 2004 ??Rev. 6
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC10E157 MOTOROLA-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
1996 REV 2
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com