データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EL90 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100EL90
部品情報  Triple ECL to PECL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL90 データシート(HTML) 1 Page - ON Semiconductor

  MC100EL90 Datasheet HTML 1Page - ON Semiconductor MC100EL90 Datasheet HTML 2Page - ON Semiconductor MC100EL90 Datasheet HTML 3Page - ON Semiconductor MC100EL90 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 1
© Motorola, Inc. 1996
7/95
Triple ECL to PECL Translator
The MC100LVEL/EL90 is a triple ECL to PECL translator. The device
receives either standard or low voltage differential ECL signals and
translates them to either standard or low voltage differential PECL output
signals. The LVEL device can handle the low voltage signals while the EL
device is designed for the standard signals. It is possible to have low
voltage signals on one side and standard signals on the other if the
LVEL90 is used.
500ps Propagation Delays
Fully Differential Design
Supports both Standard and Low Voltage Operation
20–Lead SOIC Packaging
A VBB output is provided for interfacing with single ended ECL signals
at the input. If a single ended input is to be used the VBB output should be
connected to the D input. The active signal would then drive the D input.
When used the VBB output should be bypassed to ground via a 0.01µF
capacitor. The VBB output is designed to act as the switching reference
for the EL90 under single ended input switching conditions, as a result
this pin can only source/sink up to 0.5mA of current.
To accomplish the level translation the EL/LVEL90 requires three
power rails. The VCC supply should be connected to the positive supply,
and the VEE pin should be connected to the negative power supply. The
GND pins as expected are connected to the system ground plain. Both
VEE and VCC should be bypassed to ground via 0.01µF capacitors.
Under open input conditions, the D input will be biased at VEE/2 and
the D input will be pulled to VEE. This condition will force the Q output to a
LOW, ensuring stability.
D2
D1
Logic Diagram and Pinout: 20-Lead SOIC (Top View)
D1
17
18
16
15
14
13
12
4
3
5
6
7
8
9
Q0
11
10
Q1
Q1
Q2
Q2
VCC
D0
19
20
2
1
VCC
Q0
D0
D2
VCC
VEE
GND
VBB
GND
VBB
ECL
PECL
ECL
PECL
ECL
PECL
MC100LVEL90
MC100EL90
DW SUFFIX
PLASTIC SOIC PACKAGE
CASE 751D-04
1
20
PIN NAMES
Function
ECL Inputs
PECL Outputs
ECL Reference Voltage Output
Pins
Dn
Qn
VBB


同様の部品番号 - MC100EL90

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EL90 ONSEMI-MC100EL90 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
MC100EL90DW ONSEMI-MC100EL90DW Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90DWG ONSEMI-MC100EL90DWG Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90DWG ONSEMI-MC100EL90DWG Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
More results

同様の説明 - MC100EL90

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL91 ONSEMI-MC100LVEL91 Datasheet
80Kb / 4P
   Triple PECL to ECL Translator?
1997 REV 1
logo
Micrel Semiconductor
SY100EL91 MICREL-SY100EL91_06 Datasheet
57Kb / 5P
   TRIPLE PECL-TO-ECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
MC100EL91 ONSEMI-MC100EL91 Datasheet
150Kb / 5P
   5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com