データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEP14DTR2 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC100LVEP14DTR2
部品情報  Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP14DTR2 データシート(HTML) 5 Page - ON Semiconductor

  MC100LVEP14DTR2 Datasheet HTML 1Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 2Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 3Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 4Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 5Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 6Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 7Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC100LVEP14
http://onsemi.com
5
PACKAGE DIMENSIONS
TSSOP–20
DT SUFFIX
20 PIN PLASTIC TSSOP PACKAGE
CASE 948E–02
ISSUE A
DIM
A
MIN
MAX
MIN
MAX
INCHES
6.60
0.260
MILLIMETERS
B
4.30
4.50
0.169
0.177
C
1.20
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.27
0.37
0.011
0.015
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
__
_
_
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DIMENSION A DOES NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS. MOLD
FLASH OR GATE BURRS SHALL NOT EXCEED
0.15 (0.006) PER SIDE.
4.
DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL NOT
EXCEED 0.25 (0.010) PER SIDE.
5.
DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6.
TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7.
DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE –W–.
110
11
20
PIN 1
IDENT
A
B
–T–
0.100 (0.004)
C
D
G
H
SECTION N–N
K
K1
JJ1
N
N
M
F
–W–
SEATING
PLANE
–V–
–U–
S
U
M
0.10 (0.004)
V S
T
20X
REF
K
L
L/2
2X
S
U
0.15 (0.006) T
DETAIL E
0.25 (0.010)
DETAIL E
6.40
0.252
–––
–––
S
U
0.15 (0.006) T


同様の部品番号 - MC100LVEP14DTR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEP14DTR2 ONSEMI-MC100LVEP14DTR2 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14DTR2G ONSEMI-MC100LVEP14DTR2G Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14DTR2G ONSEMI-MC100LVEP14DTR2G Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
More results

同様の説明 - MC100LVEP14DTR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com