データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10131 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10131
部品情報  Dual TYPE D Master-Slave Flip-Flop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10131 データシート(HTML) 3 Page - ON Semiconductor

  MC10131 Datasheet HTML 1Page - ON Semiconductor MC10131 Datasheet HTML 2Page - ON Semiconductor MC10131 Datasheet HTML 3Page - ON Semiconductor MC10131 Datasheet HTML 4Page - ON Semiconductor MC10131 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10131
MOTOROLA
MECL Data
DL122 — Rev 6
3–10
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
4
5
6
7
9
4
5
6
7
9
8
8
8
8
8
1, 16
1, 16
1, 16
1, 16
1, 16
IinL
4, 5*
6, 7, 9*
*
*
8
8
1, 16
1, 16
Output Voltage
Logic 1
VOH
2
2
[
5
7
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
2
3
[
5
7
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
2
2
[
5
7
9
8
8
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
2
3
[
5
7
9
8
8
1, 16
1, 16
Switching Times
(50
Ω Load)
Clock Input
+1.11Vdc
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t9+2–
t9+2+
t6+2+
t6+2–
2
2
2
2
7
7
9
9
6
6
2
2
2
2
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t2+
2
7
9
2
8
1, 16
Fall Time
(20 to 80%)
t2–
2
9
2
8
1, 16
Set Input
Propagation Delay
t5+2+
t12+15+
t5+3–
t12+14–
2
15
3
14
6
9
5
12
5
12
2
15
3
14
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Reset Input
Propagation Delay
t4+2–
t13+15–
t4+3–
t13+14+
2
15
3
14
6
9
4
13
4
13
2
15
3
14
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Setup Time
tsetup
7
6, 7
2
8
1, 16
Hold Time
thold
7
6, 7
2
8
1, 16
Toggle Frequency (Max)
ftog
2
6
2
8
1, 16
* Individually test each input applying VIH or VIL to input under test.
[ Output level to be measured after a clock pulse has been applied to the CE Input (Pin 6)
VIHmax
VILmin
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


同様の部品番号 - MC10131

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10131 ONSEMI-MC10131 Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10131FN ONSEMI-MC10131FN Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10131L ONSEMI-MC10131L Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10131P ONSEMI-MC10131P Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10131 ONSEMI-MC10131_02 Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
More results

同様の説明 - MC10131

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10131 ONSEMI-MC10131_02 Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H131 ONSEMI-MC10H131 Datasheet
98Kb / 4P
   Dual D Type Master-Slave Flip-Flop
REV 5
logo
National Semiconductor ...
11C70 NSC-11C70 Datasheet
149Kb / 6P
   MASTER-SLAVE D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC10231 ONSEMI-MC10231 Datasheet
112Kb / 5P
   High Speed Dual Type D Master-Slave Flip-Flop
1996 REV 5
MC10231 ONSEMI-MC10231_02 Datasheet
113Kb / 8P
   High Speed Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
   Master-Slave Flip-Flop
logo
ON Semiconductor
MC10H176 ONSEMI-MC10H176 Datasheet
97Kb / 4P
   Hex D Master-Slave Flip-Flop
1996 REV 5
MC10176 ONSEMI-MC10176 Datasheet
106Kb / 5P
   Hex D Master/Slave Flip-Flop
1996 REV 5
MC10176 ONSEMI-MC10176_02 Datasheet
109Kb / 8P
   Hex D Master/Slave Flip-Flop
January, 2002 ??Rev. 7
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com