データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCI7610 データシート(PDF) 41 Page - Texas Instruments

部品番号 PCI7610
部品情報  PC Card, UltraMedia, and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
Download  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

PCI7610 データシート(HTML) 41 Page - Texas Instruments

Back Button PCI7610 Datasheet HTML 37Page - Texas Instruments PCI7610 Datasheet HTML 38Page - Texas Instruments PCI7610 Datasheet HTML 39Page - Texas Instruments PCI7610 Datasheet HTML 40Page - Texas Instruments PCI7610 Datasheet HTML 41Page - Texas Instruments PCI7610 Datasheet HTML 42Page - Texas Instruments PCI7610 Datasheet HTML 43Page - Texas Instruments PCI7610 Datasheet HTML 44Page - Texas Instruments PCI7610 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 240 page
background image
2−21
UltraMedia defines additional functionality for the CardBus/PC Card terminals. Table 2−18 provides the signal
descriptions for the dedicated socket signals.
Table 2−18. UltraMedia Dedicated Socket Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
MS_BS/
SD_DATA1/IRQ
117
N18
O
I/O
Memory Stick bus state. This signal provides Memory Stick bus state information.
SD flash data 1. This signal provides the SD data path in accordance with the SD Memory
Card Specifications.
MS_INS/
SD_CD
115
M14
I/O
Signals a memory stick or SD card insertion
SD flash card detection
MS_RFU5/
I
Memory Stick reserved. This terminal is in a high-impedance state when an UltraMedia
Memory Stick card has been inserted.
SD_CMD/
120
M17
I/O
SD flash command. This signal provides the SD command in accordance with the SD Memory
Card Specifications.
SC_GPIO6
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
MS_RFU7/
I
Memory Stick reserved. This terminal is in a high-impedance state when an UltraMedia
Memory Stick card has been inserted.
SD_CD/DATA3/
121
M18
I/O
SD flash card detection/data 3. This signal provides the SD data path in accordance with the
SD Memory Card Specifications.
SC_GPIO1
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
MS_SCLK/
SD_CLK
119
M15
O
Memory Stick clock. This output provides the MS clock, which operates at 16 MHz.
SD flash clock. This output provides the MMC/SD clock, which operates at 16 MHz.
MS_SDIO/
I/O
Memory Stick serial data I/O. This signal provides Memory Stick data input/output.
SD_DATA0/
118
N19
I/O
SD flash data 0. This signal provides the MMC_SD data path in accordance with the SD
Memory Card Specifications.
SC_GPIO5
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_CD
196
B07
I/O
Smart Card detection
SC_CLK
198
F07
O
Smart Card clock. The PCI7610 drives a 4-MHz to 16-MHz clock to the Smart Card interface
when enabled.
SC_DATA
199
A06
I/O
Smart Card data line
SC_GPIO2
201
E07
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_GPIO3
200
B06
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_GPIO4
202
C06
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SC_RST
197
C07
O
Smart Card reset. This signal starts and stops the Smart Card reset sequence. The PCI7610
asserts this reset when requested by the host.
SD_DATA2/
122
M19
I/O
SD flash data 2. This signal provides the SD data path and CD in accordance with the SD
Memory Card Specifications.
SC_GPIO0
122
M19
I/O
Smart Card general-purpose I/O terminal. This signal can be controlled by firmware and is
used as a control signal for an external Smart Card interface chip or level shifter.
SD_WP
116
N17
I
SD card write protect signal
UM_PWR_CTRL
113
N15
O
UltraMedia card power control


同様の部品番号 - PCI7610

メーカー部品番号データシート部品情報
logo
Texas Instruments
PCI7610 TI1-PCI7610 Datasheet
129Kb / 6P
[Old version datasheet]   PC Card, UltraMedia?
PCI7610GHK TI1-PCI7610GHK Datasheet
129Kb / 6P
[Old version datasheet]   PC Card, UltraMedia?
PCI7610 TI1-PCI7610_10 Datasheet
129Kb / 6P
[Old version datasheet]   PC Card, UltraMedia?
More results

同様の説明 - PCI7610

メーカー部品番号データシート部品情報
logo
Texas Instruments
PCI7410 TI-PCI7410 Datasheet
41Kb / 4P
[Old version datasheet]   PC Card, UltraMedia and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510 TI-PCI4510 Datasheet
1Mb / 220P
[Old version datasheet]   PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PCI4510A TI-PCI4510A Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510RGVF TI1-PCI4510RGVF Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4520 TI1-PCI4520_09 Datasheet
226Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
PCI4520 TI-PCI4520 Datasheet
1Mb / 211P
[Old version datasheet]   DUAL-SOCKET PC CARD AND INTEGRATED 1394A-2000 OHCI TWO-PORT PHY/LINK-LAYER CONTROLLER
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AA22 TI-TSB43AA22 Datasheet
442Kb / 100P
[Old version datasheet]   INTEGRATED 1394A 2000 OHCI PHY LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com