データシートサーチシステム |
|
TS5A23166DCTR データシート(PDF) 3 Page - Texas Instruments |
|
TS5A23166DCTR データシート(HTML) 3 Page - Texas Instruments |
3 / 22 page www.ti.com Electrical Characteristics for 5-V Supply (1) TS5A23166 0.9- Ω DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH SCDS196 – MAY 2005 V + = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch VCOM, Analog signal range 0 V+ V VNO 25 °C 0.9 1.1 0 ≤ V NO ≤ V+, Switch ON, Peak ON resistance rpeak 4.5 V Ω ICOM = –100 mA, See Figure 13 Full 1.2 25 °C 0.75 0.9 VNO = 2.5 V, Switch ON, ON-state resistance ron 4.5 V Ω ICOM = –100 mA, See Figure 13 Full 1 ON-state resistance 25 °C 0.04 0.1 VNO = 2.5 V, Switch ON, match between ∆r on 4.5 V Ω ICOM = –100 mA, See Figure 13 Full 0.1 channels 0 ≤ V NO ≤ V+, Switch ON, 25 °C 0.2 ICOM = –100 mA, See Figure 13 ON-state resistance ron(flat) 4.5 V Ω flatness 25 °C 0.15 0.25 VNO = 1 V, 1.5 V, 2.5 V, Switch ON, ICOM = –100 mA, See Figure 13 Full 0.25 VNO = 1 V, 25 °C 0 V 4 20 VCOM = 4.5 V, Switch OFF, INO(OFF) or 5.5 V nA See Figure 14 Full –150 150 NO VNO = 4.5 V, OFF leakage current VCOM = 1 V, 25 °C –10 0.2 10 VNO = 0 to 5.5 V, Switch OFF, INO(PWROFF) 0 V µA VCOM = 5.5 V to 0, See Figure 14 Full –50 50 VCOM = 1 V, 25 °C 0 V 4 20 VNO = 4.5 V, Switch OFF, ICOM(OFF) or 5.5 V nA See Figure 14 Full –150 150 COM VCOM = 4.5 V, OFF leakage current VNO = 1 V, 25 °C –10 0.2 10 VCOM = 0 to 5.5 V, Switch OFF, ICOM(PWROFF) 0 V µA VNO = 5.5 V to 0, See Figure 14 Full –50 50 VNO = 1 V, 25 °C –5 0.4 5 VCOM = Open, NO Switch ON, INO(ON) or 5.5 V nA ON leakage current See Figure 15 Full –50 50 VNO = 4.5 V, VCOM = Open, VCOM = 1 V, 25 °C –5 0.4 5 VNO = Open, COM Switch ON, ICOM(ON) or 5.5 V nA ON leakage current See Figure 15 Full –50 50 VCOM = 4.5 V, VNO = Open, Digital Control Inputs (IN1, IN2)(2) Input logic high VIH Full 2.4 5.5 V Input logic low VIL Full 0 0.8 V 25 °C –2 0.3 2 Input leakage current IIH, IIL VI = 5.5 V or 0 5.5 V nA Full –20 20 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 3 |
同様の部品番号 - TS5A23166DCTR |
|
同様の説明 - TS5A23166DCTR |