データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYW29EX データシート(PDF) 2 Page - WeEn Semiconductors

部品番号 BYW29EX
部品情報  Rectifier diodes ultrafast, rugged
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEEN [WeEn Semiconductors]
ホームページ  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYW29EX データシート(HTML) 2 Page - WeEn Semiconductors

  BYW29EX Datasheet HTML 1Page - WeEn Semiconductors BYW29EX Datasheet HTML 2Page - WeEn Semiconductors BYW29EX Datasheet HTML 3Page - WeEn Semiconductors BYW29EX Datasheet HTML 4Page - WeEn Semiconductors BYW29EX Datasheet HTML 5Page - WeEn Semiconductors BYW29EX Datasheet HTML 6Page - WeEn Semiconductors BYW29EX Datasheet HTML 7Page - WeEn Semiconductors BYW29EX Datasheet HTML 8Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WeEn Semiconductors
Product specification
Rectifier diodes
BYW29EX series
ultrafast, rugged
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass
passivated
epitaxial
rectifier
SYMBOL
PARAMETER
MAX.
MAX.
UNIT
diodes in a full pack plastic envelope,
featuring low forward voltage drop,
BYW29EX-
150
200
ultra-fast recovery times, soft recovery
V
RRM
Repetitive peak reverse
150
200
V
characteristic and guaranteed reverse
voltage
surge and ESD capability. They are
V
F
Forward voltage
0.895
0.895
V
intended for use in switched mode power
I
F(AV)
Forward current
8
8
A
supplies and high frequency circuits in
t
rr
Reverse recovery time
25
25
ns
general where low conduction and
I
RRM
Repetitive peak reverse
0.2
0.2
A
switching losses are essential.
current
PINNING - SOD113
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode
2
anode
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-150
-200
V
RRM
Repetitive peak reverse voltage
-
150
200
V
V
RWM
Crest working reverse voltage
-
150
200
V
V
R
Continuous reverse voltage
-
150
200
V
I
F(AV)
Average forward current
1
square wave;
δ = 0.5;
T
hs ≤ 106 ˚C
-
8
A
sinusoidal; a = 1.57;
T
hs ≤ 109 ˚C
-
7.3
A
I
F(RMS)
RMS forward current
-
11.3
A
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
16
A
T
hs ≤ 106 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
80
A
current
t = 8.3 ms
-
88
A
sinusoidal; with reapplied
V
RWM(max)
I
2tI2t for fusing
t = 10 ms
-
32
A
2s
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
0.2
A
I
RSM
Non-repetitive peak reverse
t
p = 100 µs
-
0.2
A
current
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
1 Neglecting switching and reverse current losses
September 2018
1
Rev 1.
300
mb
1
2
TO-220F (SOD113)
A
001aaa020
K


同様の部品番号 - BYW29EX

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYW29EX PHILIPS-BYW29EX Datasheet
47Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYW29EX-150 PHILIPS-BYW29EX-150 Datasheet
47Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYW29EX-200 PHILIPS-BYW29EX-200 Datasheet
47Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
More results

同様の説明 - BYW29EX

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
   Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
   Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
   Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
   Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
   Rectifier diodes ultrafast, rugged
October 1998
BYV32F PHILIPS-BYV32F Datasheet
54Kb / 7P
   Rectifier diodes ultrafast, rugged
October 1998 Rev 1.300
BYV72EF PHILIPS-BYV72EF Datasheet
40Kb / 6P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com