データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC9961C データシート(PDF) 5 Page - First Silicon Co., Ltd

部品番号 FC9961C
部品情報  LED Driver with Average-Mode Constant Current Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9961C データシート(HTML) 5 Page - First Silicon Co., Ltd

  FC9961C Datasheet HTML 1Page - First Silicon Co., Ltd FC9961C Datasheet HTML 2Page - First Silicon Co., Ltd FC9961C Datasheet HTML 3Page - First Silicon Co., Ltd FC9961C Datasheet HTML 4Page - First Silicon Co., Ltd FC9961C Datasheet HTML 5Page - First Silicon Co., Ltd FC9961C Datasheet HTML 6Page - First Silicon Co., Ltd FC9961C Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FC9961C
2019. 03. 14
5/7
Revision No : 0
General Description
Peak-current control (as in FC9910B) of a buck converter is
the most economical and simple way to regulate its output
current. However, it suffers accuracy and regulation prob-
lems that arise from the so-called peak-to-average current
error, contributed by the current ripple in the output inductor
and the propagation delay in the current sense compara-
tor. The full inductor current signal is unavailable for direct
sensing at the ground potential in a buck converter when
the control switch is referenced to the same ground poten-
tial because the control switch is only conducting for small
periods. While it is very simple to detect the peak current in
the switch, controlling the average inductor current is usu-
ally implemented by level translating the sense signal from
+V
IN. Though this is practical for relatively low input voltage
V
IN, this type of average-current control may become exces-
sively complex and expensive in the offline AC or other high-
voltage DC applications.
The FC9961C provides fast and very accurate control of the
average current in the intermediate inductor by measuring
only the switching current.
No compensation of the current control loop is required. The
LED current response to PWMD input is similar to that of the
FC9910B. The inductor current ripple amplitude does not af-
fect this control scheme significantly, and therefore, the LED
current is independent of the variation in inductance, switch-
ing frequency or output voltage. Constant off-time control of
the buck converter is used for stability and to improve the
.
s
e
g
a
tl
o
v
t
u
p
n
i
f
o
e
g
n
a
r
e
d
i
w
a
r
e
v
o
n
o
it
a
l
u
g
e
r
t
n
e
rr
u
c
D
E
L
(Note that,unlike FC9910B, the FC9961C does not support
the constant-frequency mode of operation.)
OFF Timer
The timing resistor connected to RT determines the off-time
of the gate driver, and it must be wired to GND. (Wiring this
resistor to GATE as with FC9910B is no longer supported.)
The equation governing the off-time of the GATE output is
given by:
T
OFF (µs) =
R
T (kΩ) + 0.3
(1)
25
within the range of 30kΩ ≤ R
T ≤ 1.0MΩ.
Average Current Control Feedback and Output
Short Circuit Protection
The current through the switching MOSFET source is aver-
aged and used to give constant-current feedback. This cur-
rent is detected using a sense resistor at the CS pin. The
feedback operates in a fast open-loop mode. No compensa-
tion is required. Output current is programmed simply as:
I
LED =
0.265V
(2)
R
CS
when the voltage at the LD input V
LD ≥ 1.5V. Otherwise:
I
LED =
V
LD • 0.177
(3)
R
CS
The above equations are only valid for continuous conduc-
tion of the output inductor. It is a good practice to design the
inductor such that the switching ripple current in it is 30~40%
of its average peak-to-peak, full load, DC current. Hence,
the recommended inductance can be calculated as:
L
O =
V
O(MAX) • TOFF
(4)
0.4 • I
O
The duty-cycle range of the current control feedback is lim-
ited to D ≤ 0.75. A reduction in the LED current may occur
when the LED string voltage V
O is greater than 75% of the
input voltage V
IN of the FC9961C LED driver.
Reducing the output LED voltage V
O below VO(MIN) = VIN
D
MIN, where DMIN = 1.0µs/(TOFF +1.0µs), may also result in
the loss of regulation of the LED current. This condition,
however, causes an increase in the LED current and can
potentially trip the short-circuit protection comparator.
The typical output characteristic of the FC9961C LED driver is
shown in Fig.1. The corresponding FC9910B characteristic
is given for the comparison.
Fig.1. Typical output characteristic of an FC9961C LED
driver.
Application Information
V
IN = 170VDC
FC9961C
FC9910B
0
10
20
30
40
50
60
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
Output Voltage (V)
Output Characteristics


同様の部品番号 - FC9961C

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
   LED Driver with Average-Mode Constant Current Control
More results

同様の説明 - FC9961C

メーカー部品番号データシート部品情報
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Feeling Technology Corp...
FP7176 FEELING-FP7176 Datasheet
443Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
logo
Feeling Technology Corp...
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
   LED Driver with Average-Mode Constant Current Control
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
   LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
   LED Driver with Average-Mode Constant Current Control
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com