データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10188 データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC10188
部品情報  Hex Buffer With Enable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10188 データシート(HTML) 1 Page - Motorola, Inc

  MC10188 Datasheet HTML 1Page - Motorola, Inc MC10188 Datasheet HTML 2Page - Motorola, Inc MC10188 Datasheet HTML 3Page - Motorola, Inc MC10188 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–152
REV 5
© Motorola, Inc. 1996
3/93
Hex Buffer With Enable
The MC10188 is a high–speed hex buffer with a common Enable input.
When Enable is in the high state, all outputs are in the low state. When Enable
is in the low state, the outputs take the same state as the inputs.
Power Dissipation = 180 mW typ/pkg (No Load)
Propagation Delay= 2.0 ns typ (B – Q)
2.5 ns typ (A – Q)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
12
15
11
14
10
13
7
4
6
3
5
2
9
X
Y
OUT
TRUTH TABLE
Inputs
Output
X
Y
OUT
L
L
L
L
H
H
H
L
L
H
H
L
MC10188
DIP
PIN ASSIGNMENT
VCC1
AOUT
BOUT
COUT
AIN
BIN
CIN
VEE
VCC2
FOUT
EOUT
DOUT
FIN
EIN
DIN
COMMON
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02


同様の部品番号 - MC10188

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10188 ONSEMI-MC10188 Datasheet
68Kb / 4P
   Hex Buffer With Enable
March, 2000 ??Rev. 6
MC10188FN ONSEMI-MC10188FN Datasheet
68Kb / 4P
   Hex Buffer With Enable
March, 2000 ??Rev. 6
MC10188L ONSEMI-MC10188L Datasheet
68Kb / 4P
   Hex Buffer With Enable
March, 2000 ??Rev. 6
MC10188P ONSEMI-MC10188P Datasheet
68Kb / 4P
   Hex Buffer With Enable
March, 2000 ??Rev. 6
More results

同様の説明 - MC10188

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H188 ONSEMI-MC10H188 Datasheet
96Kb / 3P
   Hex Buffer with Enable
1996 REV 5
MC10H188 ONSEMI-MC10H188_06 Datasheet
152Kb / 6P
   Hex Buffer with Enable
February, 2006 ??Rev. 7
MC10188 ONSEMI-MC10188 Datasheet
68Kb / 4P
   Hex Buffer With Enable
March, 2000 ??Rev. 6
logo
NXP Semiconductors
10188 PHILIPS-10188 Datasheet
180Kb / 4P
   Hex Buffer with Enable (Non-Inverting)
June 14 1990
logo
ON Semiconductor
MC10H189 ONSEMI-MC10H189_06 Datasheet
152Kb / 6P
   Hex Inverter with Enable
February, 2006 ??Rev. 8
MC10H189 ONSEMI-MC10H189 Datasheet
97Kb / 3P
   Hex Inverter with Enable
1996 REV 6
MC10189 ONSEMI-MC10189_02 Datasheet
86Kb / 4P
   Hex Inverter With Enable
January, 2002 ??Rev. 7
MC10189 ONSEMI-MC10189 Datasheet
101Kb / 4P
   Hex Inverter With Enable
1996 REV 5
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
NXP Semiconductors
74F378 PHILIPS-74F378 Datasheet
81Kb / 10P
   Hex D flip-flop with enable
1989 Oct 05
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com