データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PHE13003A データシート(PDF) 6 Page - WeEn Semiconductors

部品番号 PHE13003A
部品情報  NPN power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEEN [WeEn Semiconductors]
ホームページ  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

PHE13003A データシート(HTML) 6 Page - WeEn Semiconductors

Back Button PHE13003A Datasheet HTML 2Page - WeEn Semiconductors PHE13003A Datasheet HTML 3Page - WeEn Semiconductors PHE13003A Datasheet HTML 4Page - WeEn Semiconductors PHE13003A Datasheet HTML 5Page - WeEn Semiconductors PHE13003A Datasheet HTML 6Page - WeEn Semiconductors PHE13003A Datasheet HTML 7Page - WeEn Semiconductors PHE13003A Datasheet HTML 8Page - WeEn Semiconductors PHE13003A Datasheet HTML 9Page - WeEn Semiconductors PHE13003A Datasheet HTML 10Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
WeEn Semiconductors
PHE13003A
NPN power transistor
PHE13003A
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2016. All rights reserved
Product data sheet
3 October 2016
6 / 10
003aad546
10- 3
10
1
10- 2
10- 1
10
102
1
IC (A)
hFE
VCE = 3 V
(1)
(2)
(3)
Tj = 25 °C
Tj = 125 °C
Tj = - 35 °C
Fig. 8. DC current gain as a function of collector
current; typical values
003aad547
10- 3
10
1
10- 2
10- 1
10
102
1
IC (A)
hFE
VCE = 5 V
(1)
(2)
(3)
Tj = 25 °C
Tj = 125 °C
Tj = - 35 °C
Fig. 9. DC current gain as a function of collector
current; typical values
001aab991
VCC
LC
DUT
LB
IBon
VBB
Fig. 10. Test circuit for inductive load switching
001aab992
IC
IB
90 %
toff
IBon
ts
tf
t
t
- IBoff
ICon
10 %
Fig. 11. Switching times waveforms for inductive load


同様の部品番号 - PHE13003A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PHE13003A NXP-PHE13003A Datasheet
155Kb / 11P
   Silicon diffused power transistor
Rev. 01-13 August 2009
PHE13003AU PHILIPS-PHE13003AU Datasheet
49Kb / 7P
   Silicon Diffused Power Transistor
September 1999 Rev 1.000
PHE13003A PHILIPS-PHE13003A_15 Datasheet
157Kb / 12P
   NPN power transistor
Rev. 02-29 July 2010
More results

同様の説明 - PHE13003A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com