データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TOPT16-800C0 データシート(PDF) 1 Page - WeEn Semiconductors

部品番号 TOPT16-800C0
部品情報  TOPTriac
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEEN [WeEn Semiconductors]
ホームページ  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

TOPT16-800C0 データシート(HTML) 1 Page - WeEn Semiconductors

  TOPT16-800C0 Datasheet HTML 1Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 2Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 3Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 4Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 5Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 6Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 7Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 8Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TOPT16-800C0
TOPTriac
Rev.01 - 22 August 2018
Product data sheet
1. General description
Planar passivated Temperature and Overload Protected Triac with high commutation performance
in a SOT78 (TO-220AB) plastic package. This TOPTriac conveniently self protects by turning off in
the event of excessive temperature. It is triggered negatively using continuous DC or current pulses.
TOPTriac is ideal for applications where heatsinking is limited. TOPTriac is safe to use in short-term
overload under normal duty cycle conditions. TOPTriac gives the additional assurance that it will
self-protect, if pushed to thermal overload, under abnormal duty cycle or fault conditions.
2. Features and benefits
3. Applications
Any circuit where protection against overload and/or over temperature is required
Motor controls and starters – e.g. refrigeration compressors
High power density motors – e.g. vacuum cleaners, window blinds, food processors
Heating and cooking appliances
Water boilers
4. Quick reference data
Table 1. Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-state
voltage
-
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 101 °C; Fig. 1;
Fig. 2; Fig. 3
-
-
16
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
-
140
A
Tj
junction temperature
conducting mode
-
-
125
°C
self-protection mode
150
°C
Over-temperature self-protection function
Eliminates risk of overload failure due to limited heatsinking
Pin compatible with standard triacs
Exclusive negative gate triggering
Full cycle AC conduction
Hi-Com technology for maximum immunity to false triggering
High immunity to false turn-on by dV/dt
High minimum IGT for guaranteed immunity to gate noise
Planar passivated for voltage ruggedness and reliability


同様の部品番号 - TOPT16-800C0

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
TOPT12-800C0 WEEN-TOPT12-800C0 Datasheet
603Kb / 18P
   TOPTriac
More results

同様の説明 - TOPT16-800C0

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
TOPT12-800C0 WEEN-TOPT12-800C0 Datasheet
603Kb / 18P
   TOPTriac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com