データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TOPT16-800C0 データシート(PDF) 14 Page - WeEn Semiconductors

部品番号 TOPT16-800C0
部品情報  TOPTriac
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEEN [WeEn Semiconductors]
ホームページ  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

TOPT16-800C0 データシート(HTML) 14 Page - WeEn Semiconductors

Back Button TOPT16-800C0 Datasheet HTML 10Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 11Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 12Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 13Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 14Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 15Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 16Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 17Page - WeEn Semiconductors TOPT16-800C0 Datasheet HTML 18Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
WeEn Semiconductors
TOPT16-800C0
TOPTriac
TOPT16-800C0
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
22 August 2018
14 / 18
Suggested RG(bI) is 15 kΩ.
11.7 Application schematics
The following schematics show possible implementations of TOPTriac. Gate trigger
current is from a 5 V minimum logic supply. It is possible to trigger from a 3.3 V
microcontroller by using a transistor level shifter to a higher voltage gate drive power
supply, which may be 5 V minimum or the 12 V supply that may already be available for
other loads such as lighting, indication and sounders.
For
DC triggering, reset is achieved by removing the gate drive at any time and
reapplying it after TOPTriac temperature has dropped below Ttrip.
For
pulse triggering, reset is achieved by removing and reapplying the gate bleed
current IG(bI) after TOPTriac temperature has dropped below Ttrip.
IG(bI) is set by RG(bI). It is best derived directly from the low voltage microcontroller supply
(up to 5V max) and will most likely be direct drive from the microcontroller output.
In all of the following circuits, gate trigger and gate bleed current are applied by logic zero
drive from the microcontroller.
Fig. 16. DC triggering from 5 V microcontroller
Fig. 17. Pulse triggering from 5 V microcontroller
Fig. 18. DC triggering from 3.3 V microcontroller
Fig. 19. Pulse triggering from 3.3 V microcontroller


同様の部品番号 - TOPT16-800C0

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
TOPT12-800C0 WEEN-TOPT12-800C0 Datasheet
603Kb / 18P
   TOPTriac
More results

同様の説明 - TOPT16-800C0

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
TOPT12-800C0 WEEN-TOPT12-800C0 Datasheet
603Kb / 18P
   TOPTriac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com