データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RTQ2533W データシート(PDF) 10 Page - Richtek Technology Corporation

部品番号 RTQ2533W
部品情報  3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2533W データシート(HTML) 10 Page - Richtek Technology Corporation

Back Button RTQ2533W Datasheet HTML 6Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 7Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 8Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 9Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 10Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 11Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 12Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 13Page - Richtek Technology Corporation RTQ2533W Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
RTQ2533W
10
DSQ2533W-00 April 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
PSRR vs. Frequency and IOUT
0
20
40
60
80
100
10
100
1K
10K
100K
1M
Frequency (Hz)
VIN = 1.1V, VOUT = 0.8V, COUT = 47
μF//10μF//10μF,
CNR/SS = 10nF, CFF = 10nF
IOUT = 0.1A
IOUT = 0.5A
IOUT = 1A
IOUT = 2A
IOUT = 3A
PSRR vs. Frequency and VIN
0
20
40
60
80
100
10
100
1K
10K
100K
1M
Frequency (Hz)
VOUT = 0.8V, IOUT = 3A, COUT = 47
μF//10μF//10μF,
VIN = 1.1V
VIN = 1.15V
VIN = 1.2V
VIN = 1.25V
VIN = 1.3V
VIN = 1.35V
VIN = 1.4V
CNR/SS = 10nF, CFF = 10nF
PSRR vs. Frequency and VOUT
0
20
40
60
80
100
10
100
1K
10K
100K
1M
Frequency (Hz)
VOUT = 0.8V
VOUT = 0.9V
VOUT = 1.1V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VIN = VOUT + 0.3V, IOUT = 3A,
COUT = 47
μF//10μF//10μF,
CNR/SS = 10nF, CFF = 10nF
PSRR vs. Frequency and VIN for VOUT = 3.3V
0
20
40
60
80
100
10
100
1K
10K
100K
1M
Frequency (Hz)
VIN = 3.6V
VIN = 3.65V
VIN = 3.7V
VIN = 3.75V
VIN = 3.8V
VIN = 3.85V
VIN = 3.9V
IOUT = 3A, COUT = 47
μF//10μF//10μF,
CNR/SS = 10nF, CFF = 10nF
PSRR vs. Frequency and COUT
0
20
40
60
80
100
10
100
1K
10K
100K
1M
Frequency (Hz)
COUT = 47//10//10
μF
COUT = 47
μF
COUT = 100
μF
COUT = 200
μF
COUT = 500
μF
VIN = VOUT + 0.3V, IOUT = 3A,
CNR/SS = 10nF, CFF =10nF
PSRR vs. Frequency and VIN
0
20
40
60
80
100
10
100
1K
10K
100K
1M
Frequency (Hz)
VIN = 1.1V
VIN = 1.2V
VIN = 1.4V
VIN = 2.5V
VIN = 5V
VOUT = VOUT
− 0.4V, IOUT = 1A
COUT = 47
μF//10μF//10μF,
CNR/SS = 10nF, CFF = 10nF


同様の部品番号 - RTQ2533W

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RTQ2531A RICHTEK-RTQ2531A Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2531AGQW RICHTEK-RTQ2531AGQW Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532WGQV RICHTEK-RTQ2532WGQV Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
More results

同様の説明 - RTQ2533W

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
   3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com