データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-19214 データシート(PDF) 8 Page - ABLIC Inc.

部品番号 S-19214
部品情報  AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABLIC [ABLIC Inc.]
ホームページ  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19214 データシート(HTML) 8 Page - ABLIC Inc.

Back Button S-19214 Datasheet HTML 4Page - ABLIC Inc. S-19214 Datasheet HTML 5Page - ABLIC Inc. S-19214 Datasheet HTML 6Page - ABLIC Inc. S-19214 Datasheet HTML 7Page - ABLIC Inc. S-19214 Datasheet HTML 8Page - ABLIC Inc. S-19214 Datasheet HTML 9Page - ABLIC Inc. S-19214 Datasheet HTML 10Page - ABLIC Inc. S-19214 Datasheet HTML 11Page - ABLIC Inc. S-19214 Datasheet HTML 12Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
S-19214 Series
Rev.1.1_00
8
Electrical Characteristics
1. Type in which output voltage is internally set
Table 9
(Tj =
−40°C to +125°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage*1
VOUT(E)
VIN = 13.5 V,
IOUT = 10 mA
VOUT(S) = 1.8 V, 3.0 V, 3.3 V,
5.0 V, 8.0 V, 12.0 V
VOUT(S)
− 1.5%
VOUT(S)
VOUT(S)
+ 1.5%
V
1
VOUT(S)
+ 1.0 V ≤ VIN ≤ 18.0 V,
1 mA
≤ IOUT ≤ 200 mA
VOUT(S)
−1.8%
VOUT(S)
VOUT(S)
+ 1.8%
V
1
Output current*2
IOUT
VOUT(S)
+ 2.0 V ≤ VIN
1000*4
mA
3
Dropout voltage*3
Vdrop
IOUT = 200 mA,
Ta =
+25°C
VOUT(S) = 1.8 V
*5
V
1
VOUT(S) = 3.0 V, 3.3 V
0.16
0.32
V
1
VOUT(S) = 5.0 V, 8.0 V, 12.0 V
0.13
0.22
V
1
Line regulation
ΔVOUT1
ΔVIN • VOUT
VOUT(S)
+ 1.0 V ≤ VIN ≤ 28.0 V, IOUT = 10 mA
0.015
0.03
%/V
1
Load regulation
ΔVOUT2
VIN = VOUT(S)
+ 1.0 V,
1 mA
≤ IOUT ≤ 300 mA,
Ta =
+25°C
VOUT(S) = 1.8 V, 3.0 V, 3.3 V
15
30
mV
1
VOUT(S) = 5.0 V
20
40
mV
1
VOUT(S) = 8.0 V
35
70
mV
1
VOUT(S) = 12.0 V
45
90
mV
1
Current consumption
during operation
ISS1
VIN = 13.5 V, IOUT = 10
μA, ON / OFF pin = ON
5.0
9.8
μA
2
Current consumption
during power-off
ISS2
VIN = 13.5 V, no load, ON / OFF pin = OFF
0.1
2.0
μA
2
Input voltage
VIN
2.8
36.0
V
ON / OFF pin
input voltage "H"
VSH
VIN = 13.5 V, RL = 1.0 k
Ω,
determined by VOUT output level
2.0
V
4
ON / OFF pin
input voltage "L"
VSL
VIN = 13.5 V, RL = 1.0 k
Ω,
determined by VOUT output level
0.8
V
4
ON / OFF pin
input current "H"
ISH
VIN = 13.5 V, VON / OFF = VIN
−0.1
0.3
1.0
μA
4
ON / OFF pin
input current "L"
ISL
VIN = 13.5 V, VON / OFF = 0 V
−0.1
0.1
μA
4
Ripple rejection
|RR|
VIN = 13.5 V,
f = 100 Hz,
ΔVrip = 0.5 Vrms,
IOUT = 100 mA,
Ta =
+25°C
VOUT(S) = 1.8 V, 3.0 V, 3.3 V, 5.0 V
60
dB
5
VOUT(S) = 8.0 V, 12.0 V
50
dB
5
Short-circuit current
Ishort
VIN = VOUT(S)
+ 1.0 V, ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
250
mA
3
Thermal shutdown
detection temperature
TSD
Junction temperature
170
°C
Thermal shutdown
release temperature
TSR
Junction temperature
135
°C
Discharge shunt resistance
during power-off
RLOW
VIN = 13.5 V, VOUT = 0.1 V, ON / OFF pin = OFF
3.0
k
Ω
6


同様の部品番号 - S-19214

メーカー部品番号データシート部品情報
logo
ABLIC Inc.
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212B25A-E6T1U SII-S-19212B25A-E6T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
S-19212B25A-E6T1U SII-S-19212B25A-E6T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212B25A-E6T1U ABLIC-S-19212B25A-E6T1U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212B25A-E8T1U SII-S-19212B25A-E8T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
More results

同様の説明 - S-19214

メーカー部品番号データシート部品情報
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com