データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10198 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10198
部品情報  Monostable Multivibrator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10198 データシート(HTML) 1 Page - ON Semiconductor

  MC10198 Datasheet HTML 1Page - ON Semiconductor MC10198 Datasheet HTML 2Page - ON Semiconductor MC10198 Datasheet HTML 3Page - ON Semiconductor MC10198 Datasheet HTML 4Page - ON Semiconductor MC10198 Datasheet HTML 5Page - ON Semiconductor MC10198 Datasheet HTML 6Page - ON Semiconductor MC10198 Datasheet HTML 7Page - ON Semiconductor MC10198 Datasheet HTML 8Page - ON Semiconductor MC10198 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
5
7
10
13
15
3
2
Q
Q
64
VEE
VCC
CEXT
E pos
EXTERNAL PULSE
WIDTH CONTROL
ENEG
TRIGGER
INPUT
HI–SPEED
INPUT
TRUTH TABLE
EPos ENeg
L
L
H
H
INPUT
OUTPUT
L
H
L
H
Triggers on both positive & negative input slopes
Triggers on positive input slope
Triggers on negative input slope
Trigger is disabled
REXT
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–172
REV 5
© Motorola, Inc. 1996
3/93
Monostable Multivibrator
The MC10198 is a retriggerable monostable multivibrator. Two enable inputs
permit triggering on any combination of positive or negative edges as shown in
the accompanying table. The trigger input is buffered by Schmitt triggers
making it insensitive to input rise and fall times.
The pulse width is controlled by an external capacitor and resistor. The
resistor sets a current which is the linear discharge rate of the capacitor. Also,
the pulse width can be controlled by an external current source or voltage (see
applications information).
For high–speed response with minimum delay, a hi–speed input is also
provided. This input bypasses the internal Schmitt triggers and the output
responds within 2 nanoseconds typically.
Output logic and threshold levels are standard MECL 10,000. Test
conditions are per Table 2. Each “Precondition” referred to in Table 2 is per the
sequence of Table 1.
PD = 415 mW typ/pkg (No Load)
tpd = 4.0 ns typ Trigger Inpt to Q
2.0 ns typ Hi–Speed Input to Q
Min Timing Pulse Width
PWQmin
10 ns typ1
Max Timing Pulse Width
PWQmax
>10 ms typ2
Min Trigger Pulse Width
PWT
2.0 ns typ
Min Hi–Speed
PWHS
3.0 ns typ
Trigger Pulse Width
Enable Setup Time
tset
1.0 ns typ
Enable Hold Time
thold
1.0 ns typ
1 CExt = 0 (Pin 4 open), RExt = 0
(Pin 6 to VEE)
2 CExt = 10 µF, RExt = 2.7 kΩ
MC10198
DIP
PIN ASSIGNMENT
VCC1
Q
Q
CEXT
EPOS
REXT
EXT.PULSE
WIDTH CONTROL
VEE
VCC2
HIGH–SPEED
INPUT
N/C
TRIGGER INPUT
N/C
N/C
ENEG
N/C
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02


同様の部品番号 - MC10198

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10198FN ONSEMI-MC10198FN Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
MC10198L ONSEMI-MC10198L Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
MC10198P ONSEMI-MC10198P Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
More results

同様の説明 - MC10198

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WH123FU TOSHIBA-TC7WH123FU Datasheet
382Kb / 10P
   MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC10198P ONSEMI-MC10198P Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC7WH123FK TOSHIBA-TC7WH123FK Datasheet
426Kb / 11P
   MONOSTABLE MULTIVIBRATOR
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com