データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1066DBR2 データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC1066DBR2
部品情報  ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1066DBR2 データシート(HTML) 7 Page - ON Semiconductor

Back Button MC1066DBR2 Datasheet HTML 3Page - ON Semiconductor MC1066DBR2 Datasheet HTML 4Page - ON Semiconductor MC1066DBR2 Datasheet HTML 5Page - ON Semiconductor MC1066DBR2 Datasheet HTML 6Page - ON Semiconductor MC1066DBR2 Datasheet HTML 7Page - ON Semiconductor MC1066DBR2 Datasheet HTML 8Page - ON Semiconductor MC1066DBR2 Datasheet HTML 9Page - ON Semiconductor MC1066DBR2 Datasheet HTML 10Page - ON Semiconductor MC1066DBR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC1066
http://onsemi.com
7
DETAILED OPERATING DESCRIPTION
The
MC1066
acquires
and
converts temperature
information from two separate sources, both silicon junction
diodes, with a basic accuracy of
±1°C. One is located on the
MC1066 die; the other is connected externally. This external
diode
may
be
located
on
another
IC
die.
The
analog–to–digital converter on the MC1066 alternately
converts temperature data from the two sensors and stores
them separately in internal registers.
Figure 1. Temperature vs. Setpoint Event Generation
EXT_HLIM
EXT_TEMP
ALERT
ASSERT
ALERT
ASSERT
ALERT
TIME
INT_TEMP
INT_HLIM
EXT_LLIM
INT_LLIM
Note: This diagram implies that the appropriate setpoint is moved,
temporarily, after each ALERT event to suppress re–assertion
of ALERT immediately after the ARA/de–assertion.
ASSERT
ALERT
ASSERT
OS
RELEASE
OS
ASSERT
ALERT
CRITICAL
COMP
OS
The system interface is a slave SMBus port with an
ALERT (SMBALERT) and COMP interrupt outputs. The
ALERT interrupt is triggered when one or more of four
preset temperature thresholds are tripped (see Figure 1).
These four thresholds are user–programmable via the
SMBus port. The COMP interrupt is triggered when
EXT_TEMP equals or exceeds EXT_HLIM. Also, there is
a fifth independent, hardware programmable threshold
(CRITICAL) that trips its own interrupt (OS) for an
unconditional warning. Additionally, the temperature data
can be read at any time through the SMBus port. Nine
SMBus addresses are programmable for the MC1066,
which allows for a multi–sensor configuration. Also, there
is low–power Standby mode where temperature acquisition
is suspended.


同様の部品番号 - MC1066DBR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC100-508 LUMBERG-MC100-508 Datasheet
794Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC100-50802 LUMBERG-MC100-50802 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

同様の説明 - MC1066DBR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
   SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM1617 MICROCHIP-TCM1617 Datasheet
74Kb / 14P
   SMBus Thermal Sensor with External Diode Input
2001
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com