データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E154 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10E154
部品情報  5-BIT 2:1 MUX-LATCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E154 データシート(HTML) 1 Page - ON Semiconductor

  MC10E154 Datasheet HTML 1Page - ON Semiconductor MC10E154 Datasheet HTML 2Page - ON Semiconductor MC10E154 Datasheet HTML 3Page - ON Semiconductor MC10E154 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D2a
D1a
D1b
LOGIC DIAGRAM
SEL
LEN1
LEN2
VEE
MR
D0a
D0b
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
5
6
7
8
9
10
D4b
D4a
D3b
D3a VCCO Q4
Q4
Q3
Q3
VCC
Q2
Q2
Q1
Q1
D2b VCCO Q0
Q0
D0a
D0b
D1a
D1b
D2a
D2b
D3a
D3b
D4a
D4b
SEL
LEN1
LEN2
MR
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
SEL
D
Q
EN
R Q
D
Q
EN
R Q
D
Q
EN
R Q
D
Q
EN
R Q
D
Q
EN
R Q
MUX
SEL
MUX
SEL
MUX
SEL
MUX
SEL
MUX
1
Pinout: 28-Lead PLCC (Top View)
* All VCC and VCCO pins are tied together on the die.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
12/93
5Bit 2:1 MuxLatch
The MC10E/100E154 contains five 2:1 multiplexers followed by
transparent latches with differential outputs. When both Latch Enables
(LEN1, LEN2) are LOW, the latch is transparent, and output data is
controlled by the multiplexer select control, SEL. A logic HIGH on either
LEN1 or LEN2 (or both) latches the outputs. The Master Reset (MR)
overrides all other controls to set the Q outputs LOW.
850ps Max. LEN to Output
825ps Max. D to Output
Differential Outputs
Asynchronous Master Reset
Dual Latch-Enables
Extended 100E VEE Range of – 4.2V to – 5.46V
75kΩ Input Pulldown Resistors
PIN NAMES
Pin
Function
D0a – D4a
Input Data a
D0b – D4b
Input Data b
SEL
Data Select Input
LEN1, LEN2
Latch Enables
MR
Master Reset
Q0 – Q4
True Outputs
Q0 – Q4
Inverted Outputs
TRUTH TABLE
SEL
Data
H
L
a
b
MC10E154
MC100E154
5-BIT 2:1
MUX-LATCH
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


同様の部品番号 - MC10E154

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E154FN ONSEMI-MC10E154FN Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E154FNG ONSEMI-MC10E154FNG Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E154FNR2 ONSEMI-MC10E154FNR2 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E154FNR2G ONSEMI-MC10E154FNR2G Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
More results

同様の説明 - MC10E154

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154 Datasheet
61Kb / 4P
   5-BIT 2:1 MUX-LATCH
SY10E154 MICREL-SY10E154_06 Datasheet
63Kb / 4P
   5-BIT 2:1 MUX-LATCH
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E155 MICREL-SY10E155 Datasheet
60Kb / 4P
   6-BIT 2:1 MUX-LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
   6-BIT 2:1 MUX-LATCH
SY10E256 MICREL-SY10E256 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
SY10E156 MICREL-SY10E156 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
logo
ON Semiconductor
MC10E156 ONSEMI-MC10E156 Datasheet
106Kb / 4P
   3-BIT 4:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E256 MICREL-SY10E256_06 Datasheet
63Kb / 4P
   3-BIT 4:1 MUX-LATCH
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com