データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SNP-P30X-S データシート(PDF) 4 Page - Skynet Electronic Copyright

部品番号 SNP-P30X-S
部品情報  Medical & ITE General Purpose
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYNET [Skynet Electronic Copyright]
ホームページ  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-P30X-S データシート(HTML) 4 Page - Skynet Electronic Copyright

  SNP-P30X-S Datasheet HTML 1Page - Skynet Electronic Copyright SNP-P30X-S Datasheet HTML 2Page - Skynet Electronic Copyright SNP-P30X-S Datasheet HTML 3Page - Skynet Electronic Copyright SNP-P30X-S Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-Jim-
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-4
JUN. 2018
Rated
300W
Max.
420W
Peak
600W
SNP-P30x-S Series
Medical & ITE
General Purpose
7. +5Vsb step response
8. +12V step response
9. Remote on/off
10. FCC B
11. EN55011 B
12. Power derating curve
2.0V/div, 10ms/div
+12V
Remote
on/off
1s/div
2.0V/div
5.0V/div
2ms/div
200mV/div
50mV/div
+12V step from 5A to 25A
+5Vsb/0.6A
Trip point around 7.68V 60% Rated load


同様の部品番号 - SNP-P30X-S

メーカー部品番号データシート部品情報
logo
Skynet Electronic Copyr...
SNP-P155-S SKYNET-SNP-P155-S Datasheet
629Kb / 4P
   Medical & ITE General Purpose
SNP-P157-S SKYNET-SNP-P157-S Datasheet
629Kb / 4P
   Medical & ITE General Purpose
SNP-P158-S SKYNET-SNP-P158-S Datasheet
629Kb / 4P
   Medical & ITE General Purpose
SNP-P159-S SKYNET-SNP-P159-S Datasheet
629Kb / 4P
   Medical & ITE General Purpose
SNP-P15G-S SKYNET-SNP-P15G-S Datasheet
629Kb / 4P
   Medical & ITE General Purpose
More results

同様の説明 - SNP-P30X-S

メーカー部品番号データシート部品情報
logo
Skynet Electronic Copyr...
SNP-G16X-C SKYNET-SNP-G16X-C Datasheet
613Kb / 4P
   Medical & ITE General Purpose
SNP-G16X-U SKYNET-SNP-G16X-U Datasheet
567Kb / 4P
   Medical & ITE General Purpose
SNP-G20X-U SKYNET-SNP-G20X-U Datasheet
608Kb / 4P
   Medical & ITE General Purpose
SNP-HF6 SKYNET-SNP-HF6 Datasheet
613Kb / 4P
   Medical & ITE General Purpose
SNP-P40X-S SKYNET-SNP-P40X-S Datasheet
319Kb / 2P
   Medical & ITE General Purpose
SNP-V20 SKYNET-SNP-V20 Datasheet
487Kb / 4P
   Medical & ITE General Purpose
SNP-V12 SKYNET-SNP-V12 Datasheet
587Kb / 4P
   Medical & ITE General Purpose
SNP-V30X-U SKYNET-SNP-V30X-U Datasheet
627Kb / 4P
   Medical & ITE General Purpose
SNP-G16 SKYNET-SNP-G16 Datasheet
624Kb / 4P
   Medical & ITE General Purpose
SNP-G20 SKYNET-SNP-G20 Datasheet
634Kb / 4P
   Medical & ITE General Purpose
SNP-V20X-U SKYNET-SNP-V20X-U Datasheet
662Kb / 4P
   Medical & ITE General Purpose
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com