データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THGBMHG6C1LBAIL データシート(PDF) 23 Page - Toshiba Semiconductor

部品番号 THGBMHG6C1LBAIL
部品情報  TOSHIBA e-MMC Module
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGBMHG6C1LBAIL データシート(HTML) 23 Page - Toshiba Semiconductor

Back Button THGBMHG6C1LBAIL Datasheet HTML 19Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 20Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 21Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 22Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 23Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 24Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 25Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 26Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
THGBMHG6C1LBAIL
23
Jul. 31th, 2015
HS200 Device Output Timing
tPH parameter is defined to allow device output delay to be longer than tPERIOD. After initialization, the tPH may have
random phase relation to the clock. The Host is responsible to find the optimal sampling point for the Device outputs,
while switching to the HS200 mode.
While setting the sampling point of data, a long term drift, which mainly depends on temperature drift, should be
considered. The temperature drift is expressed by ΔTPH. Output valid data window (tVW) is available regardless of the
drift (ΔTPH) but position of data window varies by the drift.
NOTE
VOH denotes VOH(min) and VOL denotes VOL(max).
Symbol
Min
Max
Unit
Remark 1
tPH
0
2
UI
Device output momentary phase from CLK input to CMD
or DAT lines output.
Does not include a long term temperature drift.
Δ
TPH
-350
(
ΔT = -20 °C)
+1550
(
ΔT = 90 °C )
ps
Delay variation due to temperature change after tuning.
Total allowable shift of output valid window (TVW) from last
system Tuning procedure
Δ
TPH is 2600ps for ΔT from -25 °C to 125 °C during
operation.
tVW
0.575
UI
tVW =2.88ns at 200MHz
Using test circuit in following figure including skew
among CMD and DAT lines created by the Device.
Host path may add Signal Integrity induced noise, skews,
etc. Expected tVW at Host input is larger than 0.475UI.
NOTE
Unit Interval (UI) is one bit nominal time. For example, UI=5ns at 200 MHz.
VT
tPERIOD
VCCQ
VSS
CLOCK
INPUT
VOH
VOL
tVW
CMD.DAT[7-0]
OUTPUT
VALID
WINDOW
tPH
VOH
VOL
VCCQ
VSS


同様の部品番号 - THGBMHG6C1LBAIL

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
THGBMHG6C1LBAIL TOSHIBA-THGBMHG6C1LBAIL Datasheet
316Kb / 2P
   Cost Effective Mass Storage
More results

同様の説明 - THGBMHG6C1LBAIL

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
THGBMFG6C1LBAIL TOSHIBA-THGBMFG6C1LBAIL Datasheet
1Mb / 33P
   e MMC Module
THGBMNG5D1LBAIL TOSHIBA-THGBMNG5D1LBAIL Datasheet
1Mb / 33P
   e-MMC Module
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
   4GB, 8GB, 16GB, 32GB, 64GB e MMC
logo
Toshiba Semiconductor
MP7001 TOSHIBA-MP7001 Datasheet
151Kb / 7P
   TOSHIBA Power Module
MP7002 TOSHIBA-MP7002 Datasheet
310Kb / 8P
   TOSHIBA POWER MODULE
logo
Transcend Information. ...
TS128MRMMC TRANSCEND-TS128MRMMC Datasheet
202Kb / 7P
   RS-MMC
logo
Toshiba Semiconductor
MP4015Q TOSHIBA-MP4015Q Datasheet
160Kb / 4P
   TOSHIBA Power Transistor Module
MP4015 TOSHIBA-MP4015 Datasheet
141Kb / 4P
   TOSHIBA Power Transistor Module
MIG10J503 TOSHIBA-MIG10J503 Datasheet
112Kb / 9P
   TOSHIBA INTELLIGENT POWER MODULE
MIG15J503H TOSHIBA-MIG15J503H Datasheet
103Kb / 11P
   TOSHIBA INTELLIGENT POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com