データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THGBMHG6C1LBAIL データシート(PDF) 26 Page - Toshiba Semiconductor

部品番号 THGBMHG6C1LBAIL
部品情報  TOSHIBA e-MMC Module
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THGBMHG6C1LBAIL データシート(HTML) 26 Page - Toshiba Semiconductor

Back Button THGBMHG6C1LBAIL Datasheet HTML 22Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 23Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 24Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 25Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 26Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 27Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 28Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 29Page - Toshiba Semiconductor THGBMHG6C1LBAIL Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
THGBMHG6C1LBAIL
26
Jul. 31th, 2015
HS400 Device Output Timing
The Data Strobe is used to read data in HS400 mode. The Data Strobe is toggled only during data read or CRC status response.
NOTE
VT = 50% of VCCQ, indicates clock reference point for timing measurements.
Parameter
Symbol
Min
Max
Unit
Remark
Data Strobe
Cycle time data transfer
mode
tPERIOD
5
ns
200 MHz(Max), between rising edges
With respect to VT
Slew rate
SR
1.125
V/ns
With respect to VOH/VOL and HS400 reference load
Duty cycle distortion
tDSDCD
0.0
0.2
ns
Allowable deviation from the input CLK duty cycle
distortion(tCKDCD)
With respect to VT
Includes jitter, phase noise
Minimum pulse width
tDSMPW
2.0
ns
With respect to VT
Output DAT(referenced to Data Strobe)
Output skew
tRQ
0.4
ns
With respect to VOH /VOL and HS400 reference load
Output hold skew
tRQH
0.4
ns
With respect to VOH /VOL and HS400 reference load
Slew rate
SR
1.125
V/ns
With respect to VOH /VOL and HS400 reference load


同様の部品番号 - THGBMHG6C1LBAIL

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
THGBMHG6C1LBAIL TOSHIBA-THGBMHG6C1LBAIL Datasheet
316Kb / 2P
   Cost Effective Mass Storage
More results

同様の説明 - THGBMHG6C1LBAIL

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
THGBMFG6C1LBAIL TOSHIBA-THGBMFG6C1LBAIL Datasheet
1Mb / 33P
   e MMC Module
THGBMNG5D1LBAIL TOSHIBA-THGBMNG5D1LBAIL Datasheet
1Mb / 33P
   e-MMC Module
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
   4GB, 8GB, 16GB, 32GB, 64GB e MMC
logo
Toshiba Semiconductor
MP7001 TOSHIBA-MP7001 Datasheet
151Kb / 7P
   TOSHIBA Power Module
MP7002 TOSHIBA-MP7002 Datasheet
310Kb / 8P
   TOSHIBA POWER MODULE
logo
Transcend Information. ...
TS128MRMMC TRANSCEND-TS128MRMMC Datasheet
202Kb / 7P
   RS-MMC
logo
Toshiba Semiconductor
MP4015Q TOSHIBA-MP4015Q Datasheet
160Kb / 4P
   TOSHIBA Power Transistor Module
MP4015 TOSHIBA-MP4015 Datasheet
141Kb / 4P
   TOSHIBA Power Transistor Module
MIG10J503 TOSHIBA-MIG10J503 Datasheet
112Kb / 9P
   TOSHIBA INTELLIGENT POWER MODULE
MIG15J503H TOSHIBA-MIG15J503H Datasheet
103Kb / 11P
   TOSHIBA INTELLIGENT POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com