データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4998S3 データシート(PDF) 13 Page - Infineon Technologies AG

部品番号 TLE4998S3
部品情報  Programmable Linear Hall Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S3 データシート(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4998S3_V01 Datasheet HTML 9Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 10Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 11Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 12Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 13Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 14Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 15Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 16Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TLE4998S
Operating Range
Data Sheet
13
V 1.0, 2008-07
4
Operating Range
The following operating conditions must not be exceeded in order to ensure correct
operation of the TLE4998S. All parameters specified in the following sections refer to
these operating conditions, unless otherwise indicated.
Table 4
Operating Range
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Supply voltage
VDD
4.5
5.5
V
4.11)
1) For reduced output accuracy
162)
2) For supply voltages > 12 V, a series resistance R
series ≥ 100 Ω is recommended
V
Extended range
Output pull-up voltage3) Vpull-up
-
18
V
Load resistance3)
3) Required output protocol characteristics depend on these parameters, R
L must be according to max. output
current
RL
1
-
k
Ω
Output current3)
IOUT
0
5
mA
Load capacitance3)
CL
1
8
nF
Junction temperature
TJ
- 40
125
1504)
4) For reduced magnetic accuracy; extended limits are taken for characteristics
Note: Keeping signal levels within the limits specified in this table ensures operation
without overload conditions.
°C
For 5000 h
For 1000 h not additive


同様の部品番号 - TLE4998S3_V01

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results

同様の説明 - TLE4998S3_V01

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4998C3 INFINEON-TLE4998C3 Datasheet
1Mb / 44P
   Programmable Linear Hall Sensor
Rev 1.0, December 2008
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com