データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSW140X データシート(PDF) 15 Page - Texas Instruments

部品番号 TSW140X
部品情報  TSW140x High Speed Data Capture/Pattern Generator Card
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSW140X データシート(HTML) 15 Page - Texas Instruments

Back Button TSW140X Datasheet HTML 11Page - Texas Instruments TSW140X Datasheet HTML 12Page - Texas Instruments TSW140X Datasheet HTML 13Page - Texas Instruments TSW140X Datasheet HTML 14Page - Texas Instruments TSW140X Datasheet HTML 15Page - Texas Instruments TSW140X Datasheet HTML 16Page - Texas Instruments TSW140X Datasheet HTML 17Page - Texas Instruments TSW140X Datasheet HTML 18Page - Texas Instruments TSW140X Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
www.ti.com
ADC Data Capture Software Operation
Figure 9. Devices Supported with Current Firmware Loaded
4.2
Testing a TSW1400EVM with an ADS62P49EVM (CMOS Interface)
This section describes the operation when testing with an ADS62P49 EVM that is configured for CMOS
output interface.
Power down the TSW1400 if an ADC EVM is not installed.
Connect J1 and J2 of the ADS62P49 EVM to connector J1 of the TSW1400 EVM.
NOTE:
Pin 1 of the TSW1400 connector plugs into pin 39 of J1 on the ADS62P49 EVM.
Provide unpowered +5 VDC connections to J10 and return to J12 of the ADS62P49 EVM.
Provide a 1.5-V
PP, 150-MHz sine-wave clock to J19 of the ADS62P49 EVM. Make sure this clock is
within the frequency limits specified in the data sheet when operating in CMOS mode.
Provide a filtered 5.1-MHz analog input to CH1 (J6).
Power up the TSW1400 followed by the ADC EVM.
Setup the ADS62P49 EVM to operate in parallel mode, offset binary parallel CMOS output, and
internal reference.
Start up the HSDC Pro GUI as described in the Software Start Up section.
The TSW1400 EVM connected to the CMOS connectors of the ADS62P49 EVM is shown in Figure 10
15
SLWU079C – March 2012 – Revised January 2014
TSW140x High Speed Data Capture/Pattern Generator Card
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated


同様の部品番号 - TSW140X

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSW1400EVM TI-TSW1400EVM Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
More results

同様の説明 - TSW140X

メーカー部品番号データシート部品情報
logo
Texas Instruments
DCA1000EVM TI1-DCA1000EVM Datasheet
3Mb / 28P
[Old version datasheet]   Data Capture Card
logo
Keysight Technologies
BV0006A KEYSIGHT-BV0006A Datasheet
1Mb / 15P
   Data capture simplified. Click. Capture. Done.
logo
Maxim Integrated Produc...
MAX1420EVKIT MAXIM-MAX1420EVKIT Datasheet
235Kb / 6P
   Easy Data Capture Configuration
Rev 0; 5/01
logo
Texas Instruments
TSW1100 TI-TSW1100 Datasheet
76Kb / 18P
[Old version datasheet]   TSW1100 Data Capture Board
logo
National Semiconductor ...
CLC-CAPT-PCASM NSC-CLC-CAPT-PCASM Datasheet
750Kb / 15P
   Data Capture Board User?셲 Guide
logo
Agilent(Hewlett-Packard...
N2102B HP-N2102B Datasheet
421Kb / 4P
   Pattern Generator
logo
AAEON Technology
TF-PER-M07 AAEON-TF-PER-M07 Datasheet
149Kb / 1P
   Mini-PCI Capture Card
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
   High-Speed Data Quantizer
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
   High-Speed Octal Programmable Timing Generator
logo
Nippon Precision Circui...
SM6011 NPC-SM6011 Datasheet
210Kb / 8P
   High-speed Data Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com