データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATV320U22N4C データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 ATV320U22N4C
部品情報  variable speed drive ATV320 - 2.2kW - 380...500V - 3 phase - compact
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ATV320U22N4C データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  ATV320U22N4C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 5Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 6Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 7Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 8Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Washing machines other application
Hoisting standard crane - travelling or trolley
Power range
2.2...3 kW 380...440 V 3 phases
2.2...3 kW 480...500 V 3 phases
Motor starter type
Variable speed drive
Environment
Isolation
Between power and control terminals
Insulation resistance
> 1 mOhm at 500 V DC for 1 minute to earth
Noise level
52 dB conforming to 86/188/EEC
Power dissipation in W
76 W (fan) at 380 V, 4 kHz
Volume of cooling air
37.7 m3/h
Operating position
Vertical +/- 10 degree
Electromagnetic compatibility
Conducted radio-frequency immunity test conforming to IEC 61000-4-6 level 3
Electrical fast transient/burst immunity test conforming to IEC 61000-4-4 level 4
Electrostatic discharge immunity test conforming to IEC 61000-4-2 level 3
Radiated radio-frequency electromagnetic field immunity test conforming to IEC 61000-4-3 level 3
Voltage dips and interruptions immunity test conforming to IEC 61000-4-11
1.2/50 µs - 8/20 µs surge immunity test conforming to IEC 61000-4-5 level 3
Pollution degree
2 conforming to EN/IEC 61800-5-1
Vibration resistance
1.5 mm peak to peak (f = 2...13 Hz) conforming to EN/IEC 60068-2-6
1 gn (f = 13...200 Hz) conforming to EN/IEC 60068-2-6
Shock resistance
15 gn during 11 ms conforming to EN/IEC 60068-2-27
Relative humidity
5...95 % without condensation conforming to IEC 60068-2-3
5...95 % without dripping water conforming to IEC 60068-2-3
Ambient air temperature for operation
-10...50 °C without derating
50...60 °C with derating factor
Ambient air temperature for storage
-25...70 °C
Operating altitude
<= 1000 m without derating
1000...3000 m with current derating 1 % per 100 m
Standards
EN/IEC 61800-3
EN/IEC 61800-3 environment 1 category C2
EN/IEC 61800-5-1
IEC 60721-3
IEC 61508
IEC 13849-1
Product certifications
CSA
NOM 117
UL
RCM
EAC
Marking
CE
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  1610  -  Schneider Electric declaration of conformity
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Reference not containing SVHC above the threshold
Product environmental profile
Available
Product environmental
Product end of life instructions
Available
Product environmental


同様の部品番号 - ATV320U22N4C

メーカー部品番号データシート部品情報
logo
Schneider Electric
ATV320U22N4C SCHNEIDER-ATV320U22N4C Datasheet
10Mb / 48P
   Variable speed drives Altivar Machine
March 2017 - V4.0
More results

同様の説明 - ATV320U22N4C

メーカー部品番号データシート部品情報
logo
Schneider Electric
ATV320U30N4C SCHNEIDER-ATV320U30N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 3 kW, 380...500 V, 3 phases, compact
Sep 13, 2021
ATV320U15N4C SCHNEIDER-ATV320U15N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 1.5 kW, 380...500 V, 3 phases, compact
Sep 13, 2021
ATV320U04N4C SCHNEIDER-ATV320U04N4C_V01 Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.37 kW, 380...500 V, 3 phases, compact
Jan 12, 2022
ATV320U06N4C SCHNEIDER-ATV320U06N4C Datasheet
608Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.55 kW, 380...500 V, 3 phases, compact
Apr 17, 2023
ATV320U04N4C SCHNEIDER-ATV320U04N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.37 kW, 380...500 V, 3 phases
Sep 13, 2021
ATV320U30N4W SCHNEIDER-ATV320U30N4W Datasheet
193Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 3 kW, 380...500 V, 3 phases, enclosed
Sep 22, 2021
ATV320U07N4C SCHNEIDER-ATV320U07N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.75 kW, 380...500 V, 3 phases
Sep 13, 2021
ATV320U40N4C SCHNEIDER-ATV320U40N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 4 kW, 380...500 V
Sep 13, 2021
ATV320D11N4B SCHNEIDER-ATV320D11N4B Datasheet
266Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 11 kW, 380...500 V
Sep 13, 2021
ATV320U15N4W SCHNEIDER-ATV320U15N4W Datasheet
191Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 1.5 kW, 380...500 V, 3 phases, enclosed
Sep 22, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com