データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX-7 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 MAX-7
部品情報  u-blox 7 GNSS modules
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MAX-7 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MAX-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MAX-7 - Data Sheet
UBX-13004068 - R05
Production Information
Functional description
Page 9 of 24
1.6.1 Assisted GNSS (A-GPS)
A-GPS improves GNSS performance by delivering aiding data to the GNSS receiver via wireless networks or the
Internet. Supplying information such as ephemeris, almanac, approximate last position, time and satellite status
and an optional time synchronization signal significantly reduces Time to First Fix (TTFF) and improves acquisition
sensitivity.
AssistNow Online and AssistNow Offline are u-blox’ end-to-end A-GPS services for devices with or without
network connectivity. AssistNow Online and AssistNow Offline can either be used alone or in combination. They
are very easy to implement, require no additional hardware, and generate virtually no CPU load. All MAX-7
series modules support u-blox’ AssistNow Online, AssistNow Offline and AssistNow Autonomous A-GPS services,
and are OMA SUPL compliant.
AssistNow Online
With AssistNow Online, an internet-connected GNSS device downloads assistance data from u-blox’ AssistNow
Online Service at system start-up. AssistNow Online is network operator independent and globally available.
u-blox only sends ephemeris data for those satellites currently visible to the device requesting the data, thus
minimizing the amount of data transferred.
AssistNow Offline
With AssistNow Offline, users download u-blox’ Differential Almanac Correction Data from the Internet at their
convenience. The correction data can be stored in the memory of the application processor. Therefore, the
service requires no connectivity at system start-up and enables a position fix within seconds, even when no
network is available.
1.6.2 AssistNow Autonomous
AssistNow Autonomous provides functionality similar to Assisted GNSS without the need for a host or external
network connection. It is an embedded feature available free-of-charge that accelerates GNSS positioning by
capitalizing on the periodic nature of GPS satellite orbits. GPS orbit predictions are directly calculated by the
GNSS receiver and no external aiding data or connectivity is required. AssistNow Autonomous can be used
alone, or together with AssistNow Online or AssistNow Offline for increased positioning speed and accuracy.
For more details see the u-blox 7 Receiver Description Including Protocol Specification [2].
1.6.3 Satellite-Based Augmentation System (SBAS)
u-blox MAX-7 positioning modules support SBAS. These systems supplement GPS data with additional regional
or wide area GPS augmentation data. The system broadcasts augmentation data via satellite which can be used
by GPS receivers to improve the resulting GPS precision. SBAS satellites can be used as additional satellites for
ranging (navigation), further enhancing precision. The following SBAS are supported with MAX-7 modules:
WAAS, EGNOS and MSAS.
For more details see the u-blox 7 Receiver Description Including Protocol Specification [2]
1.7 EXTINT: External interrupt
EXTINT is an external interrupt pin with fixed input voltage thresholds with respect to VCC_IO. It can be used for
Control of the receiver or for Aiding.
For more information about how to implement and configure these features see the u-blox 7 Receiver
Description including Protocol Specification [2] and the MAX-7 / NEO-7 Hardware Integration Manual [1].
1.7.1 Pin Control
The pin control feature allows overriding the automatic active/inactive cycle of Power Save Mode. The state of
the receiver can be controlled through the EXTINT pin.
The receiver can also be turned off and sent into Backup Mode using EXTINT when Power Save Mode is not
active.


同様の部品番号 - MAX-7

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
MAX-70 COOPER-MAX-70 Datasheet
78Kb / 1P
   Blade-Type Fuses
MAX-70 COOPER-MAX-70 Datasheet
78Kb / 1P
   Blade-Type Fuses
logo
SL Power Electronics
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
logo
Altera Corporation
MAX-7000A ALTERA-MAX-7000A Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

同様の説明 - MAX-7

メーカー部品番号データシート部品情報
logo
u-blox AG
NEO-M8 U-BLOX-NEO-M8 Datasheet
1Mb / 26P
   u-blox M8 concurrent GNSS modules
MAX-M8 U-BLOX-MAX-M8 Datasheet
808Kb / 28P
   u-blox M8 concurrent GNSS modules
UBX-G7020-KT U-BLOX-UBX-G7020-KT Datasheet
1Mb / 38P
   u-blox 7 GPS/GNSS chips
Revision1 1/27/2012
CAM-M8 U-BLOX-CAM-M8 Datasheet
1Mb / 31P
   u-blox M8 Concurrent GNSS Antenna Modules
MAX-M10 U-BLOX-MAX-M10 Datasheet
100Kb / 2P
   u-blox M10 standard precision GNSS modules
NEO-M8P U-BLOX-NEO-M8P Datasheet
1Mb / 29P
   u-blox M8 High Precision GNSS Modules
ZOE-M8 U-BLOX-ZOE-M8 Datasheet
1Mb / 31P
   Ultra-small u-blox M8 GNSS SiP modules
EVK-M101 U-BLOX-EVK-M101 Datasheet
122Kb / 1P
   u-blox M10 GNSS evaluation kit
UBX-M8030 U-BLOX-UBX-M8030 Datasheet
269Kb / 2P
   Versatile u-blox M8 GNSS chips
ZED-F9P U-BLOX-ZED-F9P Datasheet
1Mb / 24P
   u-blox F9 high precision GNSS module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com