4 / 6 page
6
L AN
Cat.6 Unshielded Patch Panel
110 Enhanced Cat.6 Patch Panel:
•
High performance, exceed EIA/ TIA 568B Category 6 channel link requirements
•
110 and Krone dual type IDC termination
•
19” 24 port patch panel, 1U size & 48 port panel, 2U size
•
Accepts 22-26 AWG, stranded or solid wire
•
Wiring:T568A/ B
•
Optional rear cable management
1402-04001
P/N
Description
1402-04001
Cat.6 19” 110/ krone dual type Patch Panel 24 ports, 1U size
1402-04003
Cat.6 19” 110/ krone dual type Patch Panel 48 ports, 2U size
1499-00001
19” Rear cable management
Compliant Press fit IDC
connector terminal for high
frequency application
IDC connector with large
spacer of each pair to
improve crosstalk
High-low contact design to
improve transmission
performance
1499-00001
NEW