データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100E163 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100E163
部品情報  2-BIT 8:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E163 データシート(HTML) 1 Page - ON Semiconductor

  MC100E163 Datasheet HTML 1Page - ON Semiconductor MC100E163 Datasheet HTML 2Page - ON Semiconductor MC100E163 Datasheet HTML 3Page - ON Semiconductor MC100E163 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
12/93
2Bit 8:1 Multiplexer
The MC10E/100E163 contains two 8:1 multiplexers with differential
outputs and common select inputs. The select inputs (SEL0, 1, 2) control
which one of the eight data inputs (A0 – A7, B0 – B7) is propagated to the
output.
850ps Max. D to Output
Differential Outputs
Extended 100E VEE Range of – 4.2V to – 5.46V
75kΩ Input Pulldown Resistors
FUNCTION TABLE
SEL2
SEL1
SEL0
A/B
Data
L
L
L
0
L
L
H
1
L
H
L
2
L
H
H
3
H
L
L
4
H
L
H
5
H
H
L
6
H
H
H
7
PIN NAMES
Pin
Function
A0 – A7
A Data Inputs
B0 – B7
B Data Inputs
SEL0, 1, 2
Select Inputs
QA, QB
True Outputs
QA, QB
Inverting Outputs
MC10E163
MC100E163
2-BIT
8:1 MULTIPLEXER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02
LOGIC DIAGRAM
B1
B0
SEL0
VEE
SEL1
SEL2
A0
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
5
6
7
8
9
10
B2
B3
B4
B5
B6
B7
VCCO
QB
QB
VCC
NC
VCCO
QA
QA
A1
A2
A3
A4
A5
A6
A7
A0
A1
A2
A3
A4
A5
A6
A7
SEL0
SEL1
SEL2
To Side B
QA
QA
1
Pinout: 28-Lead PLCC (Top View)
* All VCC and VCCO pins are tied together on the die.


同様の部品番号 - MC100E163

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100E163 ONSEMI-MC100E163 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
MC100E163FN ONSEMI-MC100E163FN Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
MC100E163FNG ONSEMI-MC100E163FNG Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
MC100E163FNR2 ONSEMI-MC100E163FNR2 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
MC100E163FNR2G ONSEMI-MC100E163FNR2G Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
More results

同様の説明 - MC100E163

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163_06 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
MC10E158 ONSEMI-MC10E158 Datasheet
100Kb / 4P
   5-BIT 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158_06 Datasheet
59Kb / 4P
   5-BIT 2:1 MULTIPLEXER
SY10E158 MICREL-SY10E158 Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
   2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
   2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
logo
Integrated Device Techn...
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
   2-Bit, 2:1, Single-Ended Multiplexer
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com