データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10E452 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10E452
部品情報  5-BIT DIFFERENTIAL REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E452 データシート(HTML) 2 Page - ON Semiconductor

  MC10E452 Datasheet HTML 1Page - ON Semiconductor MC10E452 Datasheet HTML 2Page - ON Semiconductor MC10E452 Datasheet HTML 3Page - ON Semiconductor MC10E452 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10E452 MC100E452
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–2
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Cond
VBB
Output Reference
Voltage
10E
100E
–1.43
–1.38
–1.30
–1.26
–1.38
–1.38
–1.27
–1.26
–1.35
–1.38
–1.25
–1.26
–1.31
–1.38
–1.19
–1.26
V
IIH
Input HIGH
Current
150
150
150
150
µA
IEE
Power Supply
Current
10E
100E
74
74
89
89
74
74
89
89
74
74
89
89
74
85
89
102
mA
VCMR
Common Mode
Range
–2.0
–0.4
–2.0
–0.4
–2.0
–0.4
–2.0
–0.4
V
1
1. VCMR is referenced to the most positive side of the differential input signal. Normal specified operation is obtained when the input signals are
within the VCMR range and the input swing is greater than VPP.
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
–40
°C
0
°C to 85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Unit
Condition
fMAX
Maximum Toggle Frequency
1000
1400
1100
1400
MHz
tPLH
tPHL
Propagation Delay to Output
CLK (Diff)
CLK (SE)
MR
425
375
375
600
600
625
850
900
900
475
425
425
600
600
625
800
850
850
ps
tS
Setup Time
D
175
–50
150
–50
ps
tH
Hold Time
D
225
50
200
50
ps
tRR
Reset Recovery Time
750
450
700
450
tPW
Minimum Pulse Width
CLK
MR
400
400
400
400
ps
tskew
Within-Device Skew
50
50
ps
1
VPP
Minimum Input Swing
150
150
mV
2
tr/tf
Rise/Fall Times
250
475
725
275
475
675
ps
20–80%
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Minimum input swing for which AC parameters are guaranteed.


同様の部品番号 - MC10E452

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10E452 ONSEMI-MC10E452 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452 ONSEMI-MC10E452 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
MC10E452FN ONSEMI-MC10E452FN Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNG ONSEMI-MC10E452FNG Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNR2 ONSEMI-MC10E452FNR2 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
More results

同様の説明 - MC10E452

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY10E452 MICREL-SY10E452 Datasheet
63Kb / 4P
   5-BIT DIFFERENTIAL REGISTER
logo
ON Semiconductor
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
logo
Mitsubishi Electric Sem...
M74LS96P MITSUBISHI-M74LS96P Datasheet
254Kb / 5P
   5-Bit Shift Register
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
logo
List of Unclassifed Man...
74LS96 ETC1-74LS96 Datasheet
278Kb / 5P
   5-Bit Shift Register Product Specfication
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com