データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1021PI-25TE13 データシート(PDF) 3 Page - Catalyst Semiconductor

部品番号 CAT1021PI-25TE13
部品情報  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1021PI-25TE13 データシート(HTML) 3 Page - Catalyst Semiconductor

  CAT1021PI-25TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
CAT1021, CAT1022, CAT1023
Doc No. 3009, Rev. K
PIN DESCRIPTION
RESET/
RESET
RESET
RESET
RESET
RESET:
RESET OUTPUTS
(RESET CAT1021/23 Only)
These are open drain pins and
RESET can be used as a
manual reset trigger input. By forcing a reset condition on
the pin the device will initiate and maintain a reset condition.
The RESET pin must be connected through a pull-down
resistor, and the
RESET pin must be connected through a
pull-up resistor.
SDA:
SERIAL DATA ADDRESS
The bidirectional serial data/address pin is used to transfer
all data into and out of the device. The SDA pin is an open
drain output and can be wire-ORed with other open drain
or open collector outputs.
SCL:
SERIAL CLOCK
Serial clock input.
PIN FUNCTIONS
Pin Name
Function
NC
No Connect
RESET
Active Low Reset Input/Output
VSS
Ground
SDA
Serial Data/Address
SCL
Clock Input
RESET
Active High Reset Output (CAT1021/23)
VCC
Power Supply
WP
Write Protect (CAT1021 only)
MR
Manual Reset Input
WDI
Watchdog Timer Interrupt (CAT1023)
CAT102X FAMILY OVERVIEW
For supervisory circuits with embedded 16k EEPROM, please refer to the CAT1161, CAT1162 and CAT1163
data sheets.
e
c
i
v
e
D
l
a
u
n
a
M
t
e
s
e
R
n
i
P
t
u
p
n
I
g
o
d
h
c
t
a
W
g
o
d
h
c
t
a
W
r
o
t
i
n
o
M
n
i
P
e
t
i
r
W
n
o
i
t
c
e
t
o
r
P
n
i
P
t
n
e
d
n
e
p
e
d
n
I
y
r
a
i
l
i
x
u
A
e
s
n
e
S
e
g
a
t
l
o
V
e
v
i
t
c
A
:
T
E
S
E
R
W
O
L
d
n
a
h
g
i
H
M
O
R
P
E
E
1
2
0
1
T
A
C
A
D
S
k
2
2
2
0
1
T
A
C
A
D
S
k
2
3
2
0
1
T
A
C
I
D
W
k
2
4
2
0
1
T
A
C
k
2
5
2
0
1
T
A
C
k
2
6
2
0
1
T
A
C
k
2
7
2
0
1
T
A
C
I
D
W
k
2
OPERATING TEMPERATURE RANGE
Industrial
-40˚C to 85˚C
Extended
-40˚C to 125˚C
MR:
MR:
MR:
MR:
MR:
MANUAL RESET INPUT
Manual Reset input is a debounced input that can be
connected to an external source for Manual Reset.
Pulling the MR input low will generate a Reset condition.
Reset outputs are active while
MR input is low and for
the reset timeout period after
MR returns to high. The
input has an internal pull up resistor.
WP (CAT1021 Only):
WRITE PROTECT INPUT
When WP input is tied to V
SS or left unconnected write
operations to the entire array are allowed. When tied to
V
CC, the entire array is protected. This input has an
internal pull down resistor.
WDI (CAT1023 Only): WATCHDOG TIMER INTERRUPT
Watchdog Timer Interrupt Input is used to reset the
watchdog timer. If a transition from high to low or low to
high does not occur every 1.6 seconds, the RESET
outputs will be driven active.


同様の部品番号 - CAT1021PI-25TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
210Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021 Datasheet
627Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1021 ONSEMI-CAT1021 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
CAT1021 ONSEMI-CAT1021 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results

同様の説明 - CAT1021PI-25TE13

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021_07 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021 Datasheet
627Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI-30 ONSEMI-CAT1023WI-30 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI30 ONSEMI-CAT1023WI30 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021_0711 CATALYST-CAT1021_0711 Datasheet
210Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com