データシートサーチシステム |
|
CAT1021PI-25TE13 データシート(PDF) 4 Page - Catalyst Semiconductor |
|
CAT1021PI-25TE13 データシート(HTML) 4 Page - Catalyst Semiconductor |
4 / 20 page 4 CAT1021, CAT1022, CAT1023 Doc. No. 3009, Rev. K ABSOLUTE MAXIMUM RATINGS Temperature Under Bias ................. –55 °C to +125°C Storage Temperature ....................... –65 °C to +150°C Voltage on any Pin with Respect to Ground(1) ........... –2.0 V to VCC + 2.0 V VCC with Respect to Ground ................ –2.0V to 7.0 V Package Power Dissipation Capability (TA = 25 °C) .................................. 1.0 W Lead Soldering Temperature (10 secs) ............ 300 °C Output Short Circuit Current(2) ........................ 100 mA Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. Note: (1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. Notes: 1. VIL min and VIH max are reference values only and are not tested. 2. This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested. DC OPERATING CHARACTERISTICS VCC = 3.0V to 5.5V and over the recommended temperature conditions unless otherwise specified. l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tn i Mp y Tx a Ms t i n U I I L t n e r r u C e g a k a e L t u p n IV N I c c V o t D N G =2 -0 1A µ I O L t n e r r u C e g a k a e L t u p t u OV N I c c V o t D N G =0 1 -0 1A µ I 1 C C ) e t i r W ( t n e r r u C y l p p u S r e w o P f L C S z H k 0 0 4 = V C C V 5 . 5 = 3A m I 2 C C ) d a e R ( t n e r r u C y l p p u S r e w o P f L C S z H k 0 0 4 = V C C V 5 . 5 = 1A m I B S t n e r r u C y b d n a t S , V 5 . 5 = c c V V N I c c V r o D N G = 0 6A µ V L I ) 1 ( e g a t l o V w o L t u p n I5 . 0 -c c V x 3 . 0V V H I ) 1 ( e g a t l o V h g i H t u p n Ic c V x 7 . 05 . 0 + c c VV V L O e g a t l o V w o L t u p t u O , A D S ( T E S E R ) I L O A m 3 = V C C V 7 . 2 = 4 . 0V V H O e g a t l o V h g i H t u p t u O ) T E S E R ( I H O A m 4 . 0 - = V C C V 7 . 2 = - c c V 5 7 . 0 V V H T d l o h s e r h T t e s e R 5 4 - x 2 0 1 T A C V ( C C ) V 0 . 5 = 0 5 . 45 7 . 4 V 2 4 - x 2 0 1 T A C V ( C C ) V 0 . 5 = 5 2 . 40 5 . 4 0 3 - x 2 0 1 T A C V ( C C ) V 3 . 3 = 0 0 . 35 1 . 3 8 2 - x 2 0 1 T A C V ( C C ) V 3 . 3 = 5 8 . 20 0 . 3 5 2 - x 2 0 1 T A C V ( C C ) V 0 . 3 = 5 5 . 20 7 . 2 V D I L A V R V d il a V t u p t u O t e s e R C C e g a t l o V0 0 . 1V V T R ) 2 ( s i s e r e t s y H d l o h s e r h T t e s e R5 1V m |
同様の部品番号 - CAT1021PI-25TE13 |
|
同様の説明 - CAT1021PI-25TE13 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |