データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1021PI-25TE13 データシート(PDF) 1 Page - Catalyst Semiconductor

部品番号 CAT1021PI-25TE13
部品情報  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1021PI-25TE13 データシート(HTML) 1 Page - Catalyst Semiconductor

  CAT1021PI-25TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT1021PI-25TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DESCRIPTION
The CAT1021, CAT1022 and CAT1023 are complete
memory and supervisory solutions for microcontroller-
based systems. A 2k-bit serial EEPROM memory and a
system power supervisor with brown-out protection are
integrated together in low power CMOS technology.
Memory interface is via a 400kHz I2C bus.
The CAT1021 and CAT1023 provide a precision VCC
sense circuit and two open drain outputs: one (RESET)
drives high and the other (
RESET) drives low whenever
VCC falls below the reset threshold voltage. The CAT1022
has only a
RESET output and does not have a Write
Protect input. The CAT1021 also has a Write Protect
input (WP). Write operations are disabled if WP is
connected to a logic high.
All supervisors have a 1.6 second watchdog timer circuit
that resets a system to a known state if software or a
hardware glitch halts or “hangs” the system. For the
CAT1021 and CAT1022, the watchdog timer monitors
the SDA signal. The CAT1023 has a separate watchdog
timer interrupt input pin, WDI.
CAT1021, CAT1022, CAT1023
Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset
and Watchdog Timer
FEATURES
Precision power supply voltage monitor
— 5V, 3.3V and 3V systems
— Five threshold voltage options
Watchdog timer
Active high or low reset
— Valid reset guaranteed at V
CC = 1 V
400kHz I2C bus
3.0V to 5.5V operation
Low power CMOS technology
16-Byte page write buffer
Built-in inadvertent write protection
— WP pin (CAT1021)
1,000,000 Program/Erase cycles
Manual reset input
100 year data retention
8-pin DIP, SOIC, TSSOP, MSOP or TDFN
(3 x 3 mm foot-print) packages
— TDFN max height is 0.8mm
Industrial and extended temperature ranges
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc No. 3009, Rev. K
The power supply monitor and reset circuit protect memory
and system controllers during power up/down and against
brownout conditions. Five reset threshold voltages support
5V, 3.3V and 3V systems. If power supply voltages are out
of tolerance reset signals become active, preventing the
system microcontroller, ASIC or peripherals from operating.
Reset signals become inactive typically 200 ms after the
supply voltage exceeds the reset threshold level. With both
active high and low reset signals, interface to microcontrollers
and other ICs is simple. In addition, the
RESET pin or a
separate input,
MR, can be used as an input for push-button
manual reset capability.
The on-chip, 2k-bit EEPROM memory features a 16-byte
page. In addition, hardware data protection is provided by a
VCC sense circuit that prevents writes to memory whenever
VCC falls below the reset threshold or until VCC reaches the
reset threshold during power up.
Available packages include an 8-pin DIP, 8-pin SOIC, 8-pin
TSSOP, 8-pin TDFN and 8-pin MSOP. The TDFN package
thickness is 0.8mm maximum. TDFN footprint options are
3x3mm.
ALO
GEN FR
TM
LEAD FREE


同様の部品番号 - CAT1021PI-25TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
210Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021 Datasheet
627Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1021 ONSEMI-CAT1021 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
CAT1021 ONSEMI-CAT1021 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results

同様の説明 - CAT1021PI-25TE13

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021_07 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021 Datasheet
627Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI-30 ONSEMI-CAT1023WI-30 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI30 ONSEMI-CAT1023WI30 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021_0711 CATALYST-CAT1021_0711 Datasheet
210Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com