データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10ELT22 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10ELT22
部品情報  Dual TTL to Differential PECL Translator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT22 データシート(HTML) 1 Page - ON Semiconductor

  MC10ELT22 Datasheet HTML 1Page - ON Semiconductor MC10ELT22 Datasheet HTML 2Page - ON Semiconductor MC10ELT22 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 3
© Motorola, Inc. 1996
7/96
Dual TTL to Differential
PECL Translator
The MC10ELT/100ELT22 is a dual TTL to differential PECL translator.
Because PECL (Positive ECL) levels are used only +5V and ground are
required. The small outline 8-lead SOIC package and the low skew, dual
gate design of the ELT22 makes it ideal for applications which require the
translation of a clock and a data signal. Because the mature MOSAIC 1.5
process is used, low cost can be added to the list of features.
The ELT22 is available in both ECL standards: the 10ELT is compatible
with positive MECL 10H logic levels while the 100ELT is compatible with
positive ECL 100K logic levels.
1.5ns Typical Propagation Delay
<300ps Typical Output to Output Skew
Differential PECL Outputs
Small Outline SOIC Package
PNP TTL Inputs for Minimal Loading
Flow Through Pinouts
1
2
3
4
5
6
7
8
D0
GND
VCC
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
Q0
D1
Q1
Q1
Q0
PECL
TTL
MC10ELT22
MC100ELT22
PIN
FUNCTION
Qn
Diff PECL Outputs
Dn
TTL Inputs
VCC
+5.0V Supply
GND
Ground
PIN DESCRIPTION
1
8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751-05


同様の部品番号 - MC10ELT22

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
MC10ELT22D ONSEMI-MC10ELT22D Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
MC10ELT22D ONSEMI-MC10ELT22D Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
More results

同様の説明 - MC10ELT22

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
List of Unclassifed Man...
SY10ELT23 ETC2-SY10ELT23 Datasheet
140Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22 Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23 Datasheet
81Kb / 3P
   Dual Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT23 MICREL-SY10ELT23 Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_03 Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com