データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10ELT25D データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10ELT25D
部品情報  Differential ECL to TTL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT25D データシート(HTML) 1 Page - ON Semiconductor

  MC10ELT25D Datasheet HTML 1Page - ON Semiconductor MC10ELT25D Datasheet HTML 2Page - ON Semiconductor MC10ELT25D Datasheet HTML 3Page - ON Semiconductor MC10ELT25D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1999
February, 2000 – Rev. 3
1
Publication Order Number:
MC10ELT25/D
MC10ELT25, MC100ELT25
Differential ECL to TTL
Translator
The MC10ELT/100ELT25 is a differential ECL to TTL translator.
Because ECL levels are used a +5V, -5.2V (or -4.5V) and ground are
required. The small outline 8-lead SOIC package and the single gate of
the ELT25 makes it ideal for those applications where space,
performance and low power are at a premium. Because the mature
MOSAIC 1.5 process is used, low cost can be added to the list of
features.
The VBB output allows the ELT25 to also be used in a single-ended
input mode. In this mode the VBB output is tied to the IN input for a
non-inverting buffer or the IN input for an inverting buffer. If used the
VBB pin should be bypassed to ground via a 0.01µF capacitor.
The ELT25 is available in both ECL standards: the 10ELT is
compatible with MECL 10H logic levels while the 100ELT is
compatible with ECL 100K logic levels. For further information
regarding modeling, refer to AN1596/D “ECLinPS Lite Translator
ELT Family SPICE I/O Model Kit”.
2.6ns Typical Propagation Delay
Internal Input Resistors: Pulldown on D, Pulldown and Pullup on D
Q Output will default LOW with inputs open or at VEE
Differential ECL Inputs
Small Outline SOIC Package
24mA TTL Outputs
Flow Through Pinouts
Moisture Sensitivity Level 1, Indefinite Time Out of Drypack.
For Additional Information, See Application Note AND8003/D
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count: 135 devices
1
2
3
45
6
7
8
Q0
GND
VCC
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
D0
NC
D0
VBB
VEE
ECL
TTL
Device
Package
Shipping
ORDERING INFORMATION
MC10ELT25D
SO–8
98 Units / Rail
MC10ELT25DR2
SO–8
http://onsemi.com
2500 Units / Reel
PIN
FUNCTION
D
Diff ECL Inputs
Q
TTL Output
VCC
Positive Supply
VEE
Negative Supply
VBB
Reference Output
GND
Ground
PIN DESCRIPTION
MC100ELT25D
SO–8
98 Units / Rail
MC100ELT25DR2
SO–8
2500 Units / Reel
ALYW
SO–8
D SUFFIX
CASE 751
MARKING DIAGRAM
HLT25
1
8
1
8
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D
H = MC10
K = MC100
A = Assembly Location
ALYW
KLT25
1
8


同様の部品番号 - MC10ELT25D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10ELT25D ONSEMI-MC10ELT25D Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT25DG ONSEMI-MC10ELT25DG Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT25DG ONSEMI-MC10ELT25DG Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
MC10ELT25DR2 ONSEMI-MC10ELT25DR2 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT25DR2G ONSEMI-MC10ELT25DR2G Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
More results

同様の説明 - MC10ELT25D

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com