データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100ELT28 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100ELT28
部品情報  TTL to Differential PECL/Differential PECL to TTL Translator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT28 データシート(HTML) 2 Page - ON Semiconductor

  MC100ELT28 Datasheet HTML 1Page - ON Semiconductor MC100ELT28 Datasheet HTML 2Page - ON Semiconductor MC100ELT28 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC10ELT28 MC100ELT28
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
3–2
TTL OUTPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = –40°C to 85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VOH
Output HIGH Voltage
2.4
V
IOH = –3.0mA
VOL
Output LOW Voltage
0.5
V
IOL = 24mA
ICCH
Power Supply Current
27
40
mA
ICCL
Power Supply Current
29
42
mA
IOS
Output Short Circuit Current
–150
–60
mA
TTL INPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = –40°C to 85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
IIH
Input HIGH Current
20
µA
VIN = 2.7V
IIHH
Input HIGH Current
100
µA
VIN = 7.0V
IIL
Input LOW Current
–0.6
mA
VIN = 0.5V
VIK
–1.2
V
IIN = –18mA
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
PECL OUTPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = –40°C to 85°C)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
Condition
VOH
Output HIGH
10ELT1
Voltage
100ELT1
3.920
3.915
4.11
4.12
3.980
3.975
4.16
4.12
4.020
3.975
4.10
4.05
4.19
4.12
4.080
3.975
4.27
4.12
V
VCC = 5.0V
VOL
Output LOW
10ELT1
Voltage
100ELT1
3.05
3.17
3.350
3.445
3.05
3.19
3.37
3.38
3.05
3.19
3.25
3.30
3.37
3.38
3.05
3.19
3.40
3.35
V
VCC = 5.0V
1. Levels will vary 1:1 with VCC.
PECL INPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = –40°C to 85°C)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
Condition
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
VCMR
Common Mode Range
2.2
VCC
2.2
VCC
2.2
VCC
2.2
VCC
V
VPP
Minimum
Peak-to-Peak Input1
200
200
200
200
mV
VIH
Input HIGH
10ELT
Voltage
100ELT
3.770
3.835
4.110
4.120
3.830
3.835
4.16
4.12
3.870
3.835
4.19
4.12
3.930
3.835
4.265
4.120
V
VCC = 5.0V
VIL
Input LOW
10ELT
Voltage
100ELT
3.05
3.19
3.500
3.525
3.05
3.19
3.520
3.525
3.05
3.19
3.520
3.525
3.05
3.19
3.550
3.525
V
VCC = 5.0V
tPLH
Prop
DECL to QTTL
Delay
DTTL to QECL
2.0
0.6
5.5
1.2
2.0
0.65
5.5
1.45
2.0
0.9
1.2
5.5
1.5
2.0
0.6
5.5
1.35
ns
CL = 20pF
tPHL
Prop
DECL to QTTL
Delay
DTTL to QECL
2.0
0.4
5.5
1.0
2.0
0.45
5.5
1.05
2.0
0.5
0.8
5.5
1.1
2.0
0.7
5.5
1.3
ns
CL = 20pF
tr, tf
Rise/Fall Times QECL
0.15
1.5
0.15
1.5
0.15
1.5
0.15
1.5
ns
20% – 80%
1. 200mV input guarantees full logic swing at the output.


同様の部品番号 - MC100ELT28

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100ELT28 ONSEMI-MC100ELT28 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT28D ONSEMI-MC100ELT28D Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT28D ONSEMI-MC100ELT28D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100ELT28DG ONSEMI-MC100ELT28DG Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT28DG ONSEMI-MC100ELT28DG Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
More results

同様の説明 - MC100ELT28

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com