データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP05 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10EP05
部品情報  2-Input Differential AND/NAND
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP05 データシート(HTML) 3 Page - ON Semiconductor

  MC10EP05 Datasheet HTML 1Page - ON Semiconductor MC10EP05 Datasheet HTML 2Page - ON Semiconductor MC10EP05 Datasheet HTML 3Page - ON Semiconductor MC10EP05 Datasheet HTML 4Page - ON Semiconductor MC10EP05 Datasheet HTML 5Page - ON Semiconductor MC10EP05 Datasheet HTML 6Page - ON Semiconductor MC10EP05 Datasheet HTML 7Page - ON Semiconductor MC10EP05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10EP05
http://onsemi.com
3
DC CHARACTERISTICS, LVPECL (VCC = 3.3V ± 0.3V, VEE = 0V) (Note 8.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 5.)
20
24
29
20
24
29
20
24
29
mA
VOH
Output HIGH Voltage
(Note 6.)
2165
2240
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage
(Note 6.)
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
VIH
Input HIGH Voltage
Single Ended
2090
2415
2155
2480
2215
2540
mV
VIL
Input LOW Voltage
Single Ended
1365
1690
1430
1755
1490
1815
mV
VIHCMR Input HIGH Voltage Common Mode
Range (Note 7.)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
D
D
0.5
–150
0.5
–150
0.5
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
5. VCC = 3.3V, VEE = 0V, all other pins floating.
6. All loading with 50 ohms to VCC–2.0 volts.
7. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
8. Input and output parameters vary 1:1 with VCC.
DC CHARACTERISTICS, PECL (VCC = 5.0V ± 0.5V, VEE = 0V) (Note 12.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 9.)
20
24
29
20
24
29
20
24
29
mA
VOH
Output HIGH Voltage
(Note 10.)
3865
3940
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage
(Note 10.)
3065
3190
3315
3130
3255
3380
3190
3315
3440
mV
VIH
Input HIGH Voltage
Single Ended
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage
Single Ended
3065
3390
3130
3455
3190
3515
mV
VIHCMR Input HIGH Voltage Common Mode
Range (Note 11.)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
D
D
0.5
–150
0.5
–150
0.5
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
9. VCC = 5.0V, VEE = 0V, all other pins floating.
10. All loading with 50 ohms to VCC–2.0 volts.
11. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
12. Input and output parameters vary 1:1 with VCC.


同様の部品番号 - MC10EP05

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP05 ONSEMI-MC10EP05 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10EP05 ONSEMI-MC10EP05 Datasheet
190Kb / 11P
   ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 10
MC10EP05D ONSEMI-MC10EP05D Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05D ONSEMI-MC10EP05D Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10EP05D ONSEMI-MC10EP05D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

同様の説明 - MC10EP05

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05 Datasheet
48Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05_06 Datasheet
50Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC100LVEL05 ONSEMI-MC100LVEL05 Datasheet
55Kb / 3P
   2-Input Differential AND/NAND
1997 REV 0
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EP105 ONSEMI-MC10EP105 Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC100LVEP05 ONSEMI-MC100LVEP05_09 Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
MC100LVEP05 ONSEMI-MC100LVEP05 Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com