データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP101FAR2 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC10EP101FAR2
部品情報  Quad 4-Input OR/NOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP101FAR2 データシート(HTML) 4 Page - ON Semiconductor

  MC10EP101FAR2 Datasheet HTML 1Page - ON Semiconductor MC10EP101FAR2 Datasheet HTML 2Page - ON Semiconductor MC10EP101FAR2 Datasheet HTML 3Page - ON Semiconductor MC10EP101FAR2 Datasheet HTML 4Page - ON Semiconductor MC10EP101FAR2 Datasheet HTML 5Page - ON Semiconductor MC10EP101FAR2 Datasheet HTML 6Page - ON Semiconductor MC10EP101FAR2 Datasheet HTML 7Page - ON Semiconductor MC10EP101FAR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10EP101
http://onsemi.com
4
DC CHARACTERISTICS, PECL (VCC = 5.0V ± 0.5V, VEE = 0V) (Note 9.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 7.)
45
57
75
45
58
75
45
59
75
mA
VOH
Output HIGH Voltage
(Note 8.)
3865
3940
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage
(Note 8.)
3005
3190
3315
3005
3255
3380
3005
3315
3440
mV
VIH
Input HIGH Voltage Single Ended
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage Single Ended
3065
3390
3130
3455
3190
3515
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
–150
–150
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
7. VCC = 5.0V, VEE = 0V, all other pins floating.
8. All loading with 50 ohms to VCC –2.0 volts.
9. Input and output parameters vary 1:1 with VCC.
AC CHARACTERISTICS (VCC = 3.0V to 5.5V; VEE = 0V) or (VCC = 0V; VEE = –3.0V to –5.5V)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle
Frequency (Note 10.)
3.0
3.0
3.0
GHz
tPLH,
tPHL
Propagation
D –>Q, Q
Delay
125
225
325
150
250
370
170
300
420
ps
tSKEW
Device Skew
Q, Q
Part–to–Part (Note 11.)
TBD
TBD
TBD
TBD
TBD
TBD
ps
tJITTER
Cycle–to–Cycle Jitter
TBD
TBD
TBD
ps
tr
tf
Output Rise and Fall Times
(20% – 80%)
Q, Q
100
150
200
100
170
250
120
190
270
ps
10. Fmax guaranteed for functionality only.
11. Skew is measured between outputs under identical transitions.


同様の部品番号 - MC10EP101FAR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP101FAR2 ONSEMI-MC10EP101FAR2 Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
MC10EP101FAR2G ONSEMI-MC10EP101FAR2G Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
More results

同様の説明 - MC10EP101FAR2

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY10E101 MICREL-SY10E101_06 Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
SY10E101 MICREL-SY10E101 Datasheet
66Kb / 3P
   QUAD 4-INPUT OR/NOR GATE
logo
Motorola, Inc
MC10E101 MOTOROLA-MC10E101 Datasheet
98Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC10EL01 ONSEMI-MC10EL01 Datasheet
70Kb / 2P
   4-Input OR/NOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01 Datasheet
47Kb / 4P
   4-INPUT OR/NOR
logo
Semtech Corporation
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
   4-input OR / NOR
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01_06 Datasheet
49Kb / 4P
   4-INPUT OR/NOR
logo
ON Semiconductor
MC100LVEL01 ONSEMI-MC100LVEL01 Datasheet
71Kb / 2P
   4-Input OR/NOR
1996 REV 0
logo
National Semiconductor ...
CD4070BM NSC-CD4070BM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com