データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


ATL431LI_V02 データシート(Datasheet) 3 Page - Texas Instruments

部品番号. ATL431LI_V02
部品情報  ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
ダウンロード  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

 
 3 page
background image
1
2
3
REF
CATHODE
ANODE
CATHODE
REF
NC
ANODE
4
3
1
2
Thermal
Pad
1
2
3
CATHODE
REF
ANODE
3
ATL431LI
ATL432LI
www.ti.com
SLVSDU6D – JULY 2017 – REVISED NOVEMBER 2019
Product Folder Links: ATL431LI ATL432LI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE PINOUT
INITIAL ACCURACY
OPERATING FREE-AIR TEMPERATURE (TA)
ATL431LI
ATL432LI
A: 1%
B: 0.5%
I: -40°C to 85°C
Q: -40°C to 125°C
6 Pin Configuration and Functions
ATL431LI DBZ Package
3-Pin SOT-23
Top View
ATL432LI DBZ Package
3-Pin SOT-23
Top View
ATL431LI DQN Package
4-Pin X2SON
Top View
Pin Functions
NAME
PIN
TYPE
DESCRIPTION
ATL431LIx
ATL431LIx
ATL432LIx
DBZ
DQN
DBZ
ANODE
3
1
3
O
Common pin, normally connected to ground
CATHODE
1
3
2
I/O
Shunt Current/Voltage input
REF
2
4
1
I
Threshold relative to common anode
NC
N/A
2
N/A
No internal connection
Thermal Pad
N/A
Available
N/A
Connect to ground or to a floating copper
plane for mechanical stability.




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl