データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


ATL431LI_V02 データシート(Datasheet) 5 Page - Texas Instruments

部品番号. ATL431LI_V02
部品情報  ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
ダウンロード  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

 
 5 page
background image
5
ATL431LI
ATL432LI
www.ti.com
SLVSDU6D – JULY 2017 – REVISED NOVEMBER 2019
Product Folder Links: ATL431LI ATL432LI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
The deviation parameters VI(dev) and II(dev) are defined as the differences between the maximum and minimum values obtained over the
rated temperature range. For more details on VI(dev) and how it relates to the average temperature coefficient, see Parameter
Measurement Information.
(2)
The dynamic impedance is defined by |ZKA| = ΔVKA/ΔIKA. For more details on |ZKA| and how it relates to VKA, see Parameter
Measurement Information.
7.5 Electrical Characteristics
over recommended operating conditions, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CIRCUIT
TEST CONDITIONS
MIN
TYP MAX
UNIT
VREF
Reference Voltage
See Figure 17
VKA = Vref, IKA = 1 mA
ATL43xLIAx devices
2475 2500 2525
mV
ATL43xLIBx devices
2487 2500 2512
mV
VI(dev)
Deviation of reference
input voltage over full
temperature range (1)
See Figure 17
VKA = Vref, IKA = 1 mA
ATL43xLIxI devices
6
17
mV
ATL43xLIxQ devices
10
27
mV
ΔVref /
ΔVKA
Ratio of change in
reference voltage to the
change in cathode
voltage
See Figure 18
IKA = 1 mA
ΔVKA = 10 V - Vref
–1.4
–2.7
mV/V
ΔVKA = 36 V - 10 V
–1
–2
mV/V
Iref
Reference Input Current
See Figure 18
IKA = 1 mA, R1 = 10kΩ, R2 = ∞
0.2
0.4
µA
II(dev)
Deviation of reference
input current over full
temperature range (1)
See Figure 18
IKA = 1 mA, R1 = 10kΩ, R2 = ∞
0.1
0.3
µA
Imin
Minimum cathode
current for regulation
See Figure 17
VKA = Vref
65
80
uA
Ioff
Off-state cathode
current
See Figure 19
VKA = 36 V, Vref = 0
0.1
1
µA
|ZKA|
Dynamic Impedance (2)
See Figure 17
VKA = Vref, IKA = 1 mA to 15 mA
0.3
0.65




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl