データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


RVUIO0UEW-B50 データシート(Datasheet) 1 Page - Belden Inc.

部品番号. RVUIO0UEW-B50
部品情報  DataTuff Industrial REVConnect RJ45 Core
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  BELDEN [Belden Inc.]
ホームページ  https://www.belden.com/
Logo 

   
 1 page
background image
Part Number: Ind REVConn Core
DataTuff Industrial REVConnect RJ45 Core
Product Description
Universal Industrial REVConnect Core that Can Plug into Jack or Plug
Technical Specifications
Product Overview
Environmental Space:
Indoor
Suitable Applications:
Up to TIA Category 6A, ISO Class EA, 10GBASE-T
Physical Characteristics (Overall)
Height:
0.58
Width:
0.46
Depth:
0.56
Wiring Scheme:
T568A/B
Packaging:
50 units packaged in a plastic bag.
Weight:
0.370 lbs
Connectors
Materials
Description
Material
Type
Front Connection 10uin Gold plated contacts over Nickel Ind REVConnect
Connector Body
PBT - UL94V-0
Electrical Characteristics
Dielectric Strength:
1,000V RMS @ 60 Hz for 1 minute (Signals to Ground)
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max Contact Resistance:
20 mOhm
Termination Resistance:
2.5 m-Ohm
Temperature Range
Installation Temp Range:
-40°C To +70°C
Storage Temp Range:
-40°C To +70°C
Operating Temp Range:
-40°C To +70°C
Mechanical Characteristics
Tool Compatibility:
RVUTT01 Termination Tool
Termination Rear Connection:
Mated Connection
Termination Rear Connection
Durability:
200 cycles
Cable/Connector Retention:
25 lbs.
Connector/Hardware Retention:
20 lbs
Plug/Connector Retention:
11.250 lbs




Html ページ

1  2 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl