データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


OSP6AU データシート(Datasheet) 3 Page - Belden Inc.

部品番号. OSP6AU
部品情報  Multi-Conductor - Category 6A Outside Plant Cable
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  BELDEN [Belden Inc.]
ホームページ  https://www.belden.com/
Logo 

   
 3 page
background image
Telecommunications Standards:
ANSI/TIA-568-C.2 Category 6A
IEEE Specification:
IEEE 802.3bt Type 1, Type 2, Type 3, Type 4
Other Specification:
Outdoor Use ANSI/ICEA S-56-434, Broadband Outdoor Use ANSI/ICEA S-99-689, Verified Channel/Category 6A
Applicable Environmental and Other Programs
Environmental Space:
Outdoor
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
Yes
EU CE Mark:
No
EU REACH SVHC Compliance
(yyyy-mm-dd):
2017-07-10
EU RoHS Compliance Date
(yyyy-mm-dd):
2015-12-15
CA Prop 65 (CJ for Wire & Cable):
Yes
Suitability
Suitability - Aerial:
Yes - When supported by messenger wire
Suitability - Burial:
Yes - Engineered burial only
Suitability - Hazardous Locations:
No
Suitability - Indoor:
No
Suitability - Non-Halogenated:
No
Suitability - Oil Resistance:
No
Suitability - Outdoor:
Yes
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Part Number
Variants
Item #
Color
UPC
OSP6AU 0101000 Black
612825378266
Patent:
http://www.belden.com/p
Product Notes
Notes:
Print Includes Descending Footage/Meter Markings from Max. Put-Up Length to 0. Not Suitable for Direct Burial.
History
Update and Revision:
Revision Number: 0.235 Revision Date: 08-22-2019
© 2019 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.




Html ページ

1  2  3 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl