データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


BW-S0.5W2 データシート(Datasheet) 1 Page - Mini-Circuits

部品番号. BW-S0.5W2
部品情報  Precision Fixed Attenuator
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo 

   
 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Wideband, DC to 18 GHz
• Outstanding attenuation flatness
• Excellent VSWR, 1.11 typ up to 18 GHz
Product Overview
The BW-SXXW2+ series of precision fixed attenuators achieves wide frequency range with excellent flat-
ness of attenuation. Available in a variety of attention values for different requirements, these units support
a broad range of system and testing applications. Precise performance, excellent VSWR (1.11:1 typ.) and
passivated stainless steel construction make these models ideal solutions for systems requiring precise
attenuation across very wide frequency range.
Key Features
Feature
Advantages
Wideband, DC to 18 GHz
Ideal for an exceptionally wide variety of applications.
Excellent VSWR, 1.11 typ. up to 18 GHz Efficient power utilization with low power reflected back to source.
Outstanding attenuation flatness
Provides precise, consistent attenuation across the entire frequency band, ideal for
broadband and multi-band usage.
Passivated stainless steel connectors
Rugged construction withstands harsh environmental conditions for high reliability and
long life of use.
50Ω 2W
DC to 18000 MHz
Precision Fixed Attenuator
Coaxial
BW-SXXW2+Series
CASE STYLE: FF658




Html ページ

1  2 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl