データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


BW-S0.5W2 データシート(Datasheet) 2 Page - Mini-Circuits

部品番号. BW-S0.5W2
部品情報  Precision Fixed Attenuator
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo 

   
 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Input Power1
2W max
Outline Drawing
Outline Dimensions (
)
0.2
0.4
0.6
0.8
1.0
0
3000
6000
9000
12000 15000 18000
FREQUENCY (MHz)
BW-S0.5W2+
ATTENUATION
inch
mm
BW-S0.5W2+
50Ω
2W
0.5dB
DC to 18000 MHz
Precision Fixed Attenuator
REV. OR
M175479
BW-S0.5W2+
190716
Page 1 of 1
Coaxial
B
D
E
F
wt
.36
.85
.312
.312 grams
9.14
21.59
7.92
7.92
4.3
CASE STYLE: FF658
1.0
1.1
1.2
1.3
1.4
0
3000
6000
9000 12000 15000 18000
FREQUENCY (MHz)
BW-S0.5W2+
VSWR
VSWR (:1) SMA-M
VSWR (:1) SMA-F
Connectors
Model
SMA Female-SMA Male BW-S0.5W2+
Features
• DC to 18 GHz
• precise attenuation
• excellent VSWR, 1.11:1 typ. up to 18 GHz
• passivated stainless steel connectors
Applications
• test instrument
• lab use
Frequency
(MHz)
Attenuation
(dB)
VSWR
(:1)
SMA-M
SMA-F
10
0.34
1.02
1.02
100
0.35
1.02
1.02
2000
0.39
1.04
1.01
4000
0.41
1.04
1.00
6000
0.45
1.02
1.04
8000
0.48
1.02
1.07
10000
0.51
1.02
1.09
12500
0.57
1.03
1.11
14000
0.59
1.05
1.02
16000
0.66
1.15
1.08
18000
0.72
1.19
1.10
Electrical Schematic
FEMALE
MALE
R1
R2
R3
Permanent damage may occur if any of these limits are exceeded.
1. Derates linearly to 10% at 125°C
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
MHz
Attenuation
10-6000
0.2
0.4
0.8
dB
6000-12400
0.2
0.5
0.8
12400-18000
0.2
0.6
0.8
Input VSWR
10-6000
1.01
1.15
:1
6000-12400
1.09
1.25
12400-18000
1.11
1.35
Output VSWR
10-6000
1.02
1.15
:1
6000-12400
1.07
1.25
12400-18000
1.12
1.35
Generic photo used for illustration purposes only




Html ページ

1  2 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl