データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M3SWA-2-50DRB データシート(PDF) 1 Page - Mini-Circuits

部品番号 M3SWA-2-50DRB
部品情報  SPDT RF Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

M3SWA-2-50DRB データシート(HTML) 1 Page - Mini-Circuits

  M3SWA-2-50DRB Datasheet HTML 1Page - Mini-Circuits M3SWA-2-50DRB Datasheet HTML 2Page - Mini-Circuits M3SWA-2-50DRB Datasheet HTML 3Page - Mini-Circuits M3SWA-2-50DRB Datasheet HTML 4Page - Mini-Circuits M3SWA-2-50DRB Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPDT RF Switch
Page 1 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Absorptive RF Switch with internal driver
Fast Switching
M3SWA-2-50DRB+
The Big Deal
• High Isolation, 56 dB typ.
• High Input IP3, +46.5 dBm typ.
• Low insertion loss, 0.6 dB typ.
• Fast Rise/Fall time, 3.3 ns / 4.6 ns typ.
• Tiny Size, 3.25 x 3.25 x 0.9 mm
Product Overview
Mini-Circuits’ M3SWA-2-50DRB+ is a MMIC SPDT absorptive switch with an internal driver designed for
wideband operation from DC to 4.5 GHz supporting many applications requiring fast switching across a
wide frequency range. This model provides excellent isolation, fast switching speed and high
linearity in a tiny 3.25 x 3.25mm 8-Lead MCLP package.
Key Features
Feature
Advantages
Wideband, DC to 4.5 GHz
One model can be used in many applications, saving component count. Also ideal
for wideband applications such as military and instrumentation.
Absorptive switch
In the OFF condition, RF output ports which are not switched ON are terminated into
50
Ω. This enables proper impedance termination of the circuitry following the RF
output ports, preventing any unintended action such as oscillation.
High Isolation:
• 62 dB at 1000 MHz
• 35 dB at 4500 MHz
High isolation significantly reduces leakage of power into OFF ports.
High linearity:
Input power at P1dB, 25.4 dBm typ.
Input IP3, +46.5 dBm typ.
High linearity minimizes unwanted intermodulation products which are difficult or
impossible to filter in multi-carrier environments such as CATV, or in the presence of
strong interfering signal from adjacent circuitry or received by antenna.
Form-fit compatible with M3SWA-250DR+
Fits into existing PCB footprint designed for M3SWA-2-50DR+ with minor electrical
differences.
Tiny size, 3.25 x 3.25 mm MCLP package
Tiny footprint saves space in dense layouts while providing low inductance, repeat-
able transitions, and excellent thermal contact to the PCB.
CASE STYLE: DL805


同様の部品番号 - M3SWA-2-50DRB

メーカー部品番号データシート部品情報
logo
Mini-Circuits
M3SWA-2-50DR MINI-M3SWA-2-50DR Datasheet
128Kb / 1P
   High Isolation Switches SPDT, DC to 4.5 GHz
M3SWA-2-50DRA MINI-M3SWA-2-50DRA Datasheet
276Kb / 4P
   SPDT RF Switch
M3SWA-2-50DRA++ MINI-M3SWA-2-50DRA+ Datasheet
276Kb / 4P
   SPDT RF Switch
More results

同様の説明 - M3SWA-2-50DRB

メーカー部品番号データシート部品情報
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
   SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
   SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
   SPDT RF Switch
HSWA2-30DR++ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
   SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
   SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWD5015 SPECTRUM-TWD5015 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWH7230 SPECTRUM-TWH7230 Datasheet
39Kb / 1P
   SPDT RF SWITCH
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com