データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


M3SWA-2-50DRB データシート(Datasheet) 3 Page - Mini-Circuits

部品番号. M3SWA-2-50DRB
部品情報  SPDT RF Switch
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo 

   
 3 page
background image
SPDT RF Switch
M3SWA-2-50DRB+
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF Electrical Specifications1, T
AMB=25°C, 50Ω, VDD= +5V, VEE= -5V
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency range3
DC
4500
MHz
Insertion loss
10 - 100
0.5
1.0
dB
100 - 1000
0.6
1.2
1000 - 2000
0.6
1.4
2000 - 4000
0.7
2.0
4000 - 4500
1.4
2.5
Isolation between Output Port 1 & 2
10 - 100
78
dB
100 - 1000
59
1000 - 2000
49
2000 - 4000
39
4000 - 4500
32
Isolation between Common Port & Output Ports
10 - 100
65
97
dB
100 - 1000
53
75
1000 - 2000
45
56
2000 - 4000
30
43
4000 - 4500
30
36
Input Return loss
10 - 100
29
dB
100 - 1000
30
1000 - 2000
27
2000 - 4000
23
4000 - 4500
22
Output Return loss
(Both ON STATE & OFF STATE)
10 - 100
29
dB
100 - 1000
28
1000 - 2000
22
2000 - 4000
19
4000 - 4500
14
Input Power at P1dB2
10 - 100
19.2
dBm
100 - 1000
24.5
1000 - 2000
25.4
2000 - 4000
25.0
4000 - 4500
23.8
Input IP3
(Pout=0 dBm/Tone)
10 - 100
39.7
dBm
100 - 1000
44.7
1000 - 2000
46.5
2000 - 4000
44.0
4000 - 4500
40.1
Thermal Resistance - Junction-to-ground lead at 85°C stage temperature
34.2
°C/W
Switching Specifications
Parameter
Condition
Min.
Typ.
Max.
Units
ON Time, 50% control to 90% RF
RF Pin= 0 dBm
RF Freq.= 500 MHz
Control Freq.= 500 KHz
Control High= 2.3V
Control Low= 0V
14.4
ns
OFF Time, 50% control to 10% RF
11.3
ns
Video Leakage
42.5
mV
Rise Time, 10% RF to 90% RF
3.3
ns
Fall Time, 90% RF to 10% RF
4.6
ns
DC Electrical Specifications
Parameter
Min.
Typ.
Max.
Units
Positive Supply Voltage, V
DD
4.75
5
5.25
V
Negative Supply voltage, V
EE
-5.25
-5
-4.75
V
Positive Supply Current, I
DD
5
9
mA
Negative Supply Current, I
EE
-9
-3
mA
Control Voltage Low
0
0.8
V
Control Voltage High
2.1
2.3
5
V
Control Current Low
0
0.2
mA
Control Current High
0.4
5
mA
Notes:
1. Tested on Mini-Circuits’ test board TB-M3SWA250DRB+ (See Fig.1)
2. Input Power at P1dB compression drops to 13 dB at 10 MHz.
3. All RF-ports must be DC blocked or held at 0V DC.




Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl